Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 20 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 20 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 16Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 17Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 18Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 19Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 20Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 21Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 22Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 23Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 24Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
17
2.5.8 I/O Configuration Menu (cont.)
The I/O Configuration menu is used to configure the discrete relay output, 4–20 mA output, and
communication parameters of the Sentinel II.
The menu is divided into two tables: Discrete output settings; and 4–20 mA/communications settings.
2.5.8.2 Setting 4–20 mA and communications output
Following is a step-by-step procedure for setting the 4–20 mA and communications output. It is
assumed that you are beginning at the RUN mode.
Current Menu Location
Display
Action
Comments
Run
Magnetrol Int’l
x.x level units
Normal operation
This is the RUN mode.
Run/I/O CONFIG
I/O Config
> to select
Access the I/O Config menu
Press the down arrow until the display reads
I/O Config.
Run/I/O Config/
4–20 mA Settings
4–20 mA Settings
> to select
Access the 4–20 mA Settings
menu
Run/I/O Config/
4–20 mA Settings
Enable/Disable
Disable
Activate the 4–20 mA Output
menu
Select to use (enable) or bypass (disable) the
4–20 mA output.
Run/I/O Config/
4–20 mA Settings
4 mA Point
x.xx in
Set the 4 mA level
Enter the level of the desired 4 mA output.
Run/I/O Config/
4–20 mA Settings
20 mA Point
x.xx in
Set the 20 mA level
Enter the level of the desired 20 mA output.
Run/I/O Config/
4–20 mA Settings
Fault Mode off
Set the output state on fault
Select the state of the 4–20 mA Output in the event
of a unit fault. Use the arrow keys to select the fault
option (3.5 mA, 22 mA, or HOLD).
Run/I/O Config/
4–20 mA Settings
Previous Menu
x.xx in
Press ENT.
Run/I/O Config/Comm
Port Setup
Comm Port Setup
> to select
Access the Comm Port
Setup menu
Set a specific address for this device when used
with a digital communications protocol.
Run/I/O Config/
Comm Port Settings
Address (0–256)
> to select
Set the unit’s communication
0
This is the I.D. byte used to select this particular
unit during polling.
Run/I/O Config/
Comm Port Settings
Baud rate
9600
Set the unit’s communication
speed
The selection options are 300, 1200, 4800, 9600.
Run/I/O Config/
Comm Port Settings
Parity
Odd
Set the condition of the
parity bit
The selection options are Odd, Even, or None.
Run/I/O Config/
Comm Port Settings
Previous Menu
> to select
Press ENT. Press DEL twice to return to the
RUN mode.
Run
Magnetrol Int’l
x.x level units
Normal operation
The RUN mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com