Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 5Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 6Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 7Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 8Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 9Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 10Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 11Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 12Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 13Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
6
1. Remove amplifier from mounting bracket.
2. Install bracket in a location that is isolated from tempera-
tures below -40° F (-40° C) and above +160° F (+70° C)
and vibration which could cause mechanical damage.
The unit may be mounted up to 2500 feet (760 m) from
the probe assembly. Location should also offer easy access
for wiring, calibration, and maintenance.
3. Re-install amplifier onto mounting bracket.
4. Remove the electronics assembly from the housing by loos-
ening the four mounting screws.
5. Route the twisted shielded pair cable up through the hous-
ing base as shown in Figure 4 on page 5.
6. Remove the shield from the electronics assembly by
removing the top mounting screw and snapping the shield
off of the bracket.
7. Attach the twisted pair to the connection screws on the
daughter board (refer to Figure 4 on page 5) as follows:
« Red wire to the + (positive) screw terminal;
« Black wire to the – (negative) terminal;
« Shield to the shield terminal.
8. Dress wires and reassemble shield to the bracket. Reinstall
the electronics assembly into the housing base.
9. Replace the housing cover and proceed with the wiring of
the preamplifier.
2.2.4.2 Preamplifier
1. Thread probe into mounting bushing on tank.
2. Tighten securely, making certain that the wrench is applied
only to the lower probe nut. Refer to Figure 4 on page 5.
3. Screw housing on probe until hand tight. Housing may
be wrench tightened to align conduit connection with
conduit.
4. Connect the white wire from the remote KISO board to
the probe connection screw.
5. Attach the twisted pair to the remote KISO board (refer to
Figure 4 on page 5) as follows:
« Red wire to the + (positive) terminal of TB2;
« Black wire to the – (negative) terminal of TB2;
« Shield to the green ground screw, inside of the
housing base.
6. Proceed to Wiring section on page 9.
Figure 5
Remount Mount with
Flexible Probe Wiring
– (Black)
– (Black)
Top view
Preamplifier
Side view
Preamplifier
+ (Red)
Shield
connected
to green
ground
screw
Probe
wire
(white)
+ (Red)
Shield
connected
to green
ground screw
Side view
Main Amplifier
Probe wire
(white)
(Daughter
board
under shield)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com