Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 17 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 17 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 13Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 14Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 15Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 16Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 17Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 18Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 19Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 20Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 21Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
14
2.5.6 Measured Value Menu
(In the charts that follow, this symbol, >, refers
to
.)
The Measured Value menu is used to display
current values being measured by the Sentinel II
(refer to page 15 for the overall menu layout).
Follow this step-by-step procedure to use this
menu. It is assumed that you are starting from
the RUN mode.
Current Menu Location
Display
Action
Comments
Run
Magnetrol Int’l
Normal operation
This is the RUN MODE
x.x level units
Run/Measured Values
Measured Values
Access “Measured Values” menu
> to select
Run/Measured Values/
Level
Display the process level
Level units is the unit of measure selected
Level
x.x level units
under SYSTEM CONFIG.
Run/Measured Values/
Loop
Display the loop current
If the 4–20 mA output has not been
Loop
x.x mA
programmed, this display will be 4.0 mA.
Run/Measured Values/
Previous menu
Press ENT to move up one level in the program
to Measured Values; or press DEL twice to
Previous Menu
> to select
return to the RUN MODE.
Run
Magnetrol Int’l
This is the RUN mode.
level/level units
2.5.7 System Configuration Menu
This System Configuration menu is used to
select the measurement units and to calibrate
the probe for a particular application. Follow this
step-by-step procedure to use this menu. It is
assumed that you are starting from the RUN
mode.
Current Menu Location
Display
Action
Comments
Run
Magnetrol Intl
Normal operation
This is the RUN MODE
x.x level units
Run/System Config
Run/System Config/
Access the System Config menu
Use the arrow keys to scroll down until the
>to select
display reads “System Config”.
Run/System Config/
Level Units
Select the unit of measure for
Use the arrow keys to select your option.
Level Units
calibration and display.
The “Enter Password” display will not appear
Run/System Config/
Enter password
Accept the data entered
if you have entered the password anywhere
Level units
else in the general program menu. Use the
numeric keys to type in your password.
Run/System Config/
Probe Calibrate
Access the “Probe Calibrate”
Read the following section before continuing.
Probe Calibrate
>to select
NOTE: A minimum level change (2% of span) is
required; however, a greater differential will
improve accuracy. Two calibration points will
be entered: Cal Pt. #1 (LO) is the lower point;
Cal Pt. #2 (HI) is the upper point. They may
be entered in any order.
If it is easier to raise the level in your vessel,
set “Cal Pt. #1 (LO)” first; raise the level a
minimum of 2%, then set Cal Pt.
#2 (HI)”. If it is easier to lower the level in your vessel,
then set “Cal Pt. #2 (HI)” first; lower the level a mini-
mum of 2%, then set “Cal Pt. #1 (LO)”.
These calibration points do not have to correspond
with the 4–20 mA output settings or any discrete out-
put set point; they are two arbitrary points along the
length of the probe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com