Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 10 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 10 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 6Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 7Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 8Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 9Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 10Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 11Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 12Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 13Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 14Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
7
2.2.5 Remote Mount with Flexible Probe
2.2.5.1 Main amplifier
Remote amplifier assemblies are normally shipped from
the factory assembled into an “L” mounting bracket. To
install amplifier assembly, proceed as follows. Refer to
Figure 5.
1. Remove amplifier from mounting bracket.
2. Install bracket in a location that is isolated from tempera-
tures below -40° F (-40° C) and above +160° F (+70° C)
and vibration which could cause mechanical damage.
The unit may be mounted up to 2500 feet (760 m) from
the probe assembly. Location should also offer easy access
for wiring, calibration, and maintenance.
3. Re-install amplifier onto mounting bracket.
4. Remove the electronics assembly from the housing by
loosening the four mounting screws.
5. Route the twisted shielded pair cable up through the
housing base as shown in Figure 5 on page 6.
6. Remove the shield from the electronics assembly by
removing the top mounting screw and snapping the shield
off of the bracket.
7. Attach the twisted pair to the daughter board (refer to
Figure 5) as follows:
« Red wire to the + (positive) screw terminal;
« Black wire to the – (negative) terminal;
« Shield to the shield terminal.
8. Dress wires and reassemble shield to the bracket. Reinstall
the electronics assembly into the housing base.
9. Replace the housing cover and proceed with the wiring of
the preamplifier.
2.2.5.2 Preamplifier
Caution: Flexible probes are shipped with the cable clamp and the
probe nut hand-tightened. The end of a flexible probe
must be secured to the bottom of the tank by either
attachment to a bracket or to a heavy weight in order to
keep the probe taut. Follow the mounting instructions
below.
1. Remove mylar housing insulator located over the clamp.
Refer to Figure 3 on page 4.
Caution: Do not discard the mylar housing insulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com