Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 18 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 18 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 14Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 15Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 16Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 17Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 18Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 19Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 20Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 21Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 22Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
15
2.5.7 System Configuration Menu (cont.)
Current Menu Location
Display
Action
Comments
Run/System Config/
Probe Calibrate
Probe Calibrate
> to select
Access the Probe calibration
menu
This is the start of the PROBE CALIBRATE menu.
Run/System Config/
Probe Calibrate
Cal Pt. #1 (LO)
> to select
Access the lower calibration
point menu
Run/System Config/
Probe Calibrate/
Cal Point #1 (LO)
Initialize
> to select
Reset the Cal Pt. #1 (LO)
to zero
The first time the unit is calibrated and when
changing “Cal Pt. #1 (LO)”, press ENT.
Otherwise press the DOWN arrow.
Run/System Config/
Probe Calibrate
Enter Password
Accept the data entered
The “Enter Password” display will not appear if
the password has been entered anywhere else
in the general program menu. Use the numeric
keys to enter your password.
Run/System Config/
Probe Calibrate/
Cal Point #1 (LO)
Calibrate
Calibrate the lower probe
reference point
Calibrate with the level as low on the probe as
possible. There must be at least 1" of level on
any insulated probe. The level entered may be
the actual level in the vessel or the number of
inches of probe coverage.
Run/System Config/
Probe Calibrate
Previous Menu
> to select
Press ENT.
Run/System Config/
Probe Calibrate
Cal Pt. #2 (HI)
> to select
Access the upper calibration
point menu
Set up for the upper calibration reference point.
Run/System Config/
Probe Calibrate/
Cal Point #2 (HI)
Initialize
> to select
Reset the Cal Pt. #2 (HI)
to zero
The first time the unit is calibrated and when
changing “Cal Pt. #2 (HI)”, press ENT.
Otherwise press the DOWN arrow.
Run/System Config/
Probe Calibrate/
Cal Point #2 (HI)
Enter Password
Probe Calibrate
Accept the data entered
The “Enter Password” display will not appear if
the password has been entered anywhere else
in the general program menu. Use the numeric
keys to enter your password.
Run/System Config/
Probe Calibrate/
Cal Point #2 (HI)
Calibrate
Calibrate the upper probe
reference point
Calibrate with the level as high on the probe as
possible. There must, however, be at minimum
2% (of span) differential between the calibration
points. A greater differential will improve accuracy.
The level entered may be the actual level in the
vessel or the number of inches of probe coverage.
Run/System Config/
Probe Calibrate
Previous Menu
> to select
Press ENT.
Run System Config
Probe Calibrate
> to select
Press DEL twice to return to the RUN mode.
Run
Magnetrol Int’l
x.x level units
Normal operation
The RUN mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com