Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 30 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 30 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 24Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 25Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 26Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 27Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 28Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 29Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 30Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 31Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 32Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
27
3.4
Replacement Parts
Item
Description
Part Number
1
Cover
004-9174-007
2
Base
004-9188-004
3
O-Ring
012-2201-253
4
Daughterboard
Integral
Z30-2213-001
Integral I.S.
Z30-2213-002
Remote
Z30-2213-003
Remote I.S.
Z30-2213-004
5
Logic board
4–20
Z30-2211-001
RS-485
Z30-2211-002
4–20/RS-485
Z30-2211-003
6
Power supply board
120 VAC
0 relays
Z30-2212-003
2 relays
Z30-2212-002
4 relays
Z30-2212-001
240 VAC
0 relays
Z30-2212-006
2 relays
Z30-2212-005
4 relays
Z30-2212-004
24 VDC
0 relays
Z30-2212-009
2 relays
Z30-2212-008
4 relays
Z30-2212-007
7
KISO board
Explosion proof
Z30-2411-002
Intrinsically safe
Z30-9005-001
8
Remote housing base
Aluminum
004-9104-001
316 SS
004-9140-001
9
Remote housing cover
Aluminum
004-9105-001
316 SS
004-9142-001
10
Remote housing O-ring
012-2101-345



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com