Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 13 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 13 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 9Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 10Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 11Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 12Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 13Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 14Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 15Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 16Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 17Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Relay 2
(TB3)
Relay 1
(TB2)
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
10
2.4.2 Wiring Operation
2.4.2.1 4–20 mA output wiring
Connect the positive wire to the
+ terminal; connect the negative wire
to the – terminal.
2.4.2.2 Active or passive selection
The 4–20 mA output can be config-
ured for active or passive operation.
Active mode allows the Sentinel II
to drive the loop (for example, the
Sentinel II is the 24 VDC power
supply). The passive mode allows the
Sentinel II to react like a loop-powered
transmitter (the loop power is supplied
elsewhere). Switch S1 changes the
mode. See Figure 6 on page 9.
Cable should be shielded, twisted pair,
22 gauge stranded conductors. In the
active mode of operation the shield
should be grounded at the model 804.
In the passive mode the shield should
be grounded at the power source.
Caution: Applying power to the 4–20 mA output, while in the active
mode, will seriously damage the instrument.
2.4.2.3 RS-485 output
RS-485 communication is achieved by means of a 2-wire,
twisted pair connected to terminal block.
1. Connect the A wire from the control room converter to
terminal A.
2. Connect the control room converter wire B to terminal B.
NOTE: Polarity among units in loop must be observed.
3. If connecting multiple 804 units in a daisy chain configu-
ration, be sure to connect the wiring in parallel and have
the ending 804 unit with the termination resistor
jumpered. The termination jumper pins are located under
the shield, below the RS-485 terminal block. The jumper
(JP1) should be in positions 2 and 3, removed on all units
except the last one in the chain. The last unit should have
the jumper in positions 1 and 2.
4. Proceed to Unit Configuration section on page 11.
NOTE: If connecting several units, note the color wire used for A and
B; ensure that the same designated color is used for each
of the units.
NO
CO
NC
NO
CO
NC
NO
CO
NC
NO
CO
NC
Relay 4
(TB4)
Relay 3
(TB5)
L1 (+)
Not used
L2/N (–)
Input
power
(TB1)
Figure 7
Power Supply Board
Terminal Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com