Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 24 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 24 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 20Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 21Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 22Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 23Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 24Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 25Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 26Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 27Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 28Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
21
3.1.4 View Version #
The View Version # menu enables the user to verify the
version number of the software of the unit.
3.1.5 Factory Presets
The Factory Presets menu allows setting of special factory
functions. This menu should only be used with guidance
from factory personnel. Contact the factory for assistance.
3.1.6 Troubleshooting Procedures
The chart below describes error messages that can appear
on the Sentinel II display.
Display
Cause
Solution
Open
probe
The capacitance being
measured by the unit is too
low. Possible causes include
missing probe; missing/broken
probe wire; or a poorly
connected probe wire.
Check the interconnection
wire between the probe
and the preamplifier.
Shorted
probe
Probe resistance between the
center connection and mount-
ing nut is less than 1 megohm.
Possible causes include a bare
probe in conductive media or
a damaged insulated probe in
a conductive media.
Check the probe resistance
by connecting an ohmmeter
between the center connec-
tion and the mounting nut.
If the resistance is less than
infinity, contact the factory.
Probe
error
Probe capacitance exceeds
50,000 pF.
Contact the factory for
application assistance.
No
return
signal
Occurs when the oscillator is
not receiving a signal. Possible
causes include a shorted
probe; missing/broken inter-
connection cable between
the preamplifier and the main
electronics (remote only); or
a defective circuit board.
If the probe is a shorted
probe, follow the instruc-
tions above for shorted
probe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com