Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 26 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 26 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 22Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 23Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 24Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 25Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 26Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 27Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 28Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 29Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 30Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
23
3.2.1 Agency Specifications – Intrinsically Safe Installation (FM/CSA)
NOTES:
1. The NEC must be followed when installing this
equipment.
2. For installation guidance, see ANSI/ISA RP 12.6.
3. The resistance between the associated apparatus
intrinsic safety ground terminal and earth must be
less than one ohm.
4. Non-hazardous area equipment connected to the
associated apparatus should not use or generate
more than 250 volts.
5. For FM intrinsically safe remote probes:
For Class
I, Groups A & B locations, maximum
cable length 800 feet;
For Class
I, Groups C & D locations, maximum
cable length 2500 feet.
6. No revisions shall be made to this drawing without
FM or CSA authorization.
7. For CSA certification, installation shall be as speci-
fied by Canadian electric code.
Hazardous Location
Intrinsically Safe for: Class
I, Div. 1, Groups A, B, C, and D;
Class
II, Div. 1, Groups E, F, and G;
Class
III, NEMA 4X IP65.
Hazardous Location
Explosion proof for: Class
I, Div. 1, Groups B, C, and D;
Dust ignition proof for: Class
II, Div. 1, Groups E, F, and G;
Class
III, NEMA 4X IP65
INTRINSIC SAFETY
Model 804-XXXX-53X and 804-XXXX-63X are FM and
CSA agency approved for use as an intrinsically safe
circuit per the instructions on Drawing 99-5053-001
(Figure 8) shown below.
Magnetrol Models
804-XXXX-53X
804-XXXX-63X
Red
Black
Red
Black
Intrinsic safety
ground
Instrument probe
output terminals
41-5XXX-XXX
Series Remote Probe
Controller/Transmitter
Intrinsically Safe/Sécurité Intrinsèque
WARNING: Substitution of components may impair
intrinsic safety.
AVERTISSEMENT:
La substitution de composants
peut compomettre la sécurité
intrinsèque.
Figure 8
Drawing 99-5053-001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com