Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 14 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 14 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 10Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 11Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 12Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 13Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 14Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 15Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 16Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 17Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 18Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
11
2.4.2.4 Manual self-test
A manual self-test can be performed on the 804 electron-
ics. A remote contact should be wired across terminals
1 and 2 with terminal 3 used for shield if needed.
Performing a manual self-test will cause the 804 to go into
alarm mode. The relays and mA output will change to the
mode selected in the Unit Configuration.
2.5
Unit Configuration
2.5.1 General Configuration Instructions
The Kotron Sentinel II RF Capacitance Level Transmitter
contains a microprocessor-based operator interface, which
allows easy configuration of level measurement or control
applications. These simple-to-use features are accessed
through the 16-digit keypad, located on the front of the
unit’s shield.
The operator interface and instructions for the unit config-
uration are broken down into five main groups of menus:
MEASURED VALUES:
For viewing the measured values
SYSTEM CONFIG
: Probe calibration
I/O CONFIG
: Configure the input/output functions
(such as 4–20 mA and relays)
ADV CONFIG:
Set the unit’s advanced features
(such as password and display options)
DIAGNOSTICS
: Enhanced troubleshooting features.
2.5.2 Password
The Sentinel II has a built-in password system to restrict
access to portions of the menu that affect the unit’s opera-
tion. The password is required whenever programming
values are being changed. The password can be changed to
any four digit number desired. This procedure is described
under the ADV CONFIG menu page 13.
Caution: The Sentinel II is shipped from the factory with the pass-
word 0804. If the programmed password is misplaced or
forgotten, consult the factory for assistance.
2.5.3 Operator Keypad
All unit configuration instructions in this manual will
show the local transmitter display exactly as it will appear
to the operator. The operator interface is via a keypad
consisting of the following keys:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com