Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 29 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 29 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 24Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 25Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 26Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 27Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 28Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 29Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 30Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 31Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 32Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Outline Dimensions
Standard Rigid Probe
Flexible Probe
Housing
AB
CD
E
F
C
D
E
F
NEMA 4X/7/9
3.87
5.93
10.89
2.44
13.44
4.11
12.33
4.71
13.44
4.11
Die-cast alum.
(98)
(151)
(276)
(61)
(341)
(104)
(313)
(119)
(341)
(104)
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
26
2 Holes
.38 (10) Dia.
1/2" NPT
or 3/4" NPT
3.00
(76)
2.00
(51)
2.37
(60)
3.50
(89)
B
Rotation
clearance
plugged
1
A
G
E
G
F
3
.375 (10)
.50 (13)
.625 (16)
Optional
mounting
flange
2.75
(70)
3/4" NPT
3.23
(82)
3.00
(76)
4.63
(118) Dia.
2
I.L.
Figure 14
Remote Mount with Standard Rigid Probe
3.3
Specifications
3.3.2 Dimensional (cont.)
inches (mm)
Conduit
Connections
G
NEMA 4X/7/9
3
⁄4" NPT
(remote probe housing)
Single conduit
NEMA 4X/7/9
1" NPT
Dual conduit
NOTES:
Œ Allow 8 inches (203 mm) overhead clearance for cover
removal.
 Standard process connection is 3⁄
4
" NPT. Consult probe
brochure (Magnetrol 50-125/STI 95-133) for flange and
other probe connections.
Ž Probe/amplifier connecting cable to be shielded twisted
pair 22-gauge stranded conductors; Magnetrol/STI part
number 009-7146-001, 2500 feet (760 m) maximum;
800 feet (240 m) maximum for intrinsically safe models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com