Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 16 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 16 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 12Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 13Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 14Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 15Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 16Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 17Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 18Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 19Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 20Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
13
2.5.5 General Programming Menus
Following is an outline of the general menu
structure used in the Sentinel
II. Even though all
features are shown, certain features will only
affect specific modes. For example, the 4–20 mA
output menu can be accessed in all models, but
changes will affect only the models with 4–20 mA
output. Use the UP and DOWN arrow keys to
scroll through any portion of the menu; use the
ENT key to make a selection.
I/O CONFIG
DNRG<Set point
DNRG>Set point
DNRG on Fault
Hold on Fault
Off
1–2
1–2–3
1–2–3–4
1–2 & 3–4
2–3
Only if #1 is
2–3–4
fault relay.
22 mA
3.5 mA
Hold
Address (0–256)
Previous Menu
Parity
Baud Rate
Enable/Disable
4 mA Point
20 mA Point
Fault Mode
Previous Menu
Relay Settings
Damping (1–60)
Default Display
Change Password
Previous Menu
Select Relay
Fault Relay #1 (#1 only)
Relay On SetPt
Relay Off SetPt
Fail-safe (only if Relay On
SetPt = Relay Off SetPt)
Relay On Delay
Relay Off Delay
Fault Mode
Previous Menu
Lead/Lag Mode
4–20 mA Settings
Comm Port Setup
Level
Loop
Enable/Disable (#1 only)
Previous Menu
ADV CONFIG
Enter New Password
Enter Old Password
MEASURED VALUES
RUN
Level
Loop
Previous Menu
Level Units
Inches
Feet
Millimeters
Meters
Previous Menu
Cal Point #2 (HI)
Cal Point #1 (LO)
Probe Calibrate
Previous Menu
Previous Menu
Test Relays
Select Relay
Off/On
SYSTEM CONFIG
Signal Values
Previous Menu
DIAGNOSTICS
CCO Int Cap
CCO Open Probe
CCO Probe
Previous Menu
Loop Value
Previous Menu
Test 4–20 Output
Previous Menu
Calibrate
Initialize
Previous Menu
Calibrate
Initialize
}
Enter New Again
Previous Menu
View Version #
Factory Presets
NOTE: Use
keys to move up or
down in the menu tree.
Use the
key to
accept a value or to
move right in the menu
tree. Use
to delete
a keystroke or to move
left in the menu tree.
DEL
35 mA offset
22 mA offset
Adjust Loop Pts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com