Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 27 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 27 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 23Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 24Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 25Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 26Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 27Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 28Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 29Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 30Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 31Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
24
3.3
Specifications
3.3.1 Electrical
Power supply
120 VAC, 50/60 Hz (+10%, -15%)
240 VAC, 50/60 Hz (+10%, -15%)
24 VDC, (±10%)
Power consumption
15 VA nominal
Supply voltage effect
Less than 1 pF over full range
Ambient temperature range
-40° to +160° F (-40° to +71° C)
Humidity
99% non-condensing (electronics)
Accuracy
Better than ±1.0%
Repeatability
±0.1%
Linearity
±0.5%
Temperature effect
±0.01%/° F ±0.018%/° C)
Operator interface
Data entry
16-button keypad
Display
2-line
× 16-character LCD display
Continuous output
Signal
Active
4–20 mA (isolated reversible max. 1000 ohms loop resistance)
Passive
4–20 mA (isolated reversible max. 1000 ohms loop resistance)
Dependent on power supply)
Range
5 pF minimum; 50,000 pF maximum
Damping
0–90 seconds
Discrete output
Set point range
0–50,000 pF
Adjustable differential range
0.5 pF minimum
50,000 pF maximum
Time delay
0–90 seconds level rising, level falling, both
Relay output
AC
10 amp @ 120/240 VAC resistive
DC
10 amp @ 30 VDC resistive
0.5 amp @ 125 VDC resistive
Maximum remote cable length
Standard: 2500 feet (762 m)
Intrinsically safe: 800 feet (240 m)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com