Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 8 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 8 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 4Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 5Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 6Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 7Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 8Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 9Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 10Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 11Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 12Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
5
NOTE: Do not allow the probe to fall in the tank while performing
steps 7 through 18.
7. Loosen both socket head clamp screws.
8. Pull clamp and Teflon® retaining bushing off probe.
9. While holding the probe cable, loosen upper probe nut.
10. Pull excess cable up, through the probe nuts, until cable
is taut.
11. Tighten the probe nuts.
12. Cut off cable 1.35" (34 mm) above top of upper probe
nut, and strip off 1.25" (32 mm) of insulation.
13. Slide Teflon retaining bushing onto cable, and seat it into
the upper probe nut.
14. Slide clamp onto cable and seat it in the Teflon retaining
bushing.
15. Tighten both socket head clamp screws to approximately
35 inches/pound torque.
16. Slip mylar housing insulator over clamp.
17. Screw housing onto probe and tighten. Make sure conduit
connection is properly aligned for wire entry.
18. Remove housing cover.
NOTE: Refer to Electrostatic Discharge Handling Procedure on
page 9.
19. Remove the electronics assembly from the housing by
loosening the four mounting screws.
20. Locate the white wire, which is connected to the probe
terminal (P) on the circuit board, and connect its free end
to the probe connection screw.
21. Reinstall the electronics assembly into the housing.
Caution: Check probe terminal connection carefully to ensure that
the lug will not short packing gland or interfere with
assembly of amplifier housing to probe.
22. Proceed to Wiring section on page 9.
2.2.4 Remote Mount with Standard Rigid Probe
2.2.4.1 Main amplifier
Remote amplifier assemblies are normally shipped from
the factory assembled into an “L” mounting bracket. To
install amplifier assembly, proceed as follows. Refer to
Figure 4.
Figure 4
Remote Mount with
Rigid Probe Wiring
– (Black)
– (Black)
Top view
Preamplifier
Side view
Preamplifier
+ (Red)
Shield
connected
to green
ground screw
Probe
wire
(white)
+ (Red)
Shield
connected
to green
ground screw
Side view
Main Amplifier
Probe wire
(white)
(Daughter
board
under shield)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com