Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-330 Datasheet(PDF) 15 Page - Magnetrol International, Inc.

Part # 804-R010-330
Description  Kotron짰 Sentinel II Model 804 RF Level Transmitter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-330 Datasheet(HTML) 15 Page - Magnetrol International, Inc.

Back Button 804-R010-330 Datasheet HTML 11Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 12Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 13Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 14Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 15Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 16Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 17Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 18Page - Magnetrol International, Inc. 804-R010-330 Datasheet HTML 19Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
50-604 Kotron Model 804 Sentinel II RF Level Transmitter
12
2.5.4 QuickCal
The Sentinel II Level Transmitter has a special QuickCal
menu for quick and easy calibration. With this menu,
entry of a low calibration point and a high calibration
point, which correspond to the 4–20 mA span, is possible.
The advantage of QuickCal is that it is not necessary to
enter the general programming menu to perform basic
setup of the unit. Following is the QuickCal menu
structure:
Run Mode:
Warning
Password
Set LO Point
Set HI Point
NOTE: If the QuickCal menu is accidentally pressed, depress the ENT
key (no other keys) three times when the “warning” message
appears.
Key
Function
0 – 9
For numeric entry of parameters
.
Decimal point
DEL
To delete an incorrectly entered character
ENT
For storing new values into memory
I
(up/down
Used to step through the menu and/or
arrow keys)
option choices
Quick calibration menu
Following is a step-by-step procedure for using the
QuickCal menu. Before beginning, ensure that level in the
tank is at the low level (4 mA). Begin at the RUN mode:
Key
Current Menu
Location
Display
Comments
None
Run
Magnetrol Intl
0.0 level units
This is RUN mode.
QuickCal
WARNING
SETTINGS
WILL BE LOST
ENT
QuickCal
Enter Password
Enter the system password
(factory default is 0804)
ENT
QuickCal
Set LO Point
– 0
Move the level in the vessel
to desired 4 mA output point.
Enter the actual level
(default units are in inches)
ENT
QuickCal
Set HI Point
– 0
Move the level in the vessel
to desired 20 mA output
point. Enter the actual level.
ENT
Run
Magnetrol Intl
x.x inches
x.x will correspond to level
in vessel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com