Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 17Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 18Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 19Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 20Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 21Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 22Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 23Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 24Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 25Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
TYPICAL PROOF-ER INSTALLATION
WITH VERSA FLANGE
S P E C I F I C A T I O N S
P R O O F - E R
A N D
F L O A T I N G
R O O F T O P
D I M E N S I O N A L
D A T A
INCHES (MM)
5.93
(151)
4.29 (109)
14.62 (371)
Minimum
clearance
required
for actuation
30' (9 m)
SS
Cable
standard
1" NPT
21⁄2" NPT
10' (3 m)
Cable standard
Optional flange
C
E
B
A
G
D
F
VERSA FLANGE ASSEMBLY
PART NUMBER
089-5207-001
HOLLOW BRASS DISPLACER
VERSA FLANGE BOLT CIRCLE
B
D
F
A
B
C
D
E min
F
G
A15
Threaded
5.62 (143)
n/a
15.93 (405)
Flanged
7.62 (194)
17.62 (448)
SS Chunk
n/a
2.16 (55)
n/a
2.50 (64)
n/a
0.82 (21)
n/a
Brass Chunk
2.00 (51)
2.50 (64)
0.82 (21)
Hollow Brass
9.00 (229)
2.50 (64)
0.92 (23)
B15
Threaded
5.88 (149)
n/a
18.12 (460)
Flanged
7.88 (200)
19.81 (503)
SS Chunk
n/a
2.16 (55)
1.08 (27)
2.50 (64)
4.00 (102)
0.82 (21)
n/a
Brass Chunk
1.50 (38)
1.00 (25)
2.50 (64)
0.82 (21)
Hollow Brass
n/a
DIMENSIONAL CHART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com