Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  A15-2E2B-BKB Datasheet HTML 1Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 2Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 3Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 4Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 5Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 6Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 7Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 8Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
S I N G L E
S W I T C H
M O D E L S
S E R I E S
A 1 0
A N D
S E R I E S
A 1 5
SERIES A10
PUMP OR VALVE CONTROL
WIDE DIFFERENTIAL TYPE
These wide differential units are factory calibrated to
actuate as a liquid level reaches a given displacer and
to
deactuate
when
the
level
reaches
a
second
displacer.
The minimum differential band is approximately 6 in.
(152 mm) in water and varies somewhat with liquid spe-
cific gravity. The maximum differential is determined by
the length of the displacer suspension cable.
SERIES A15
LEVEL ALARM APPLICATIONS
NARROW DIFFERENTIAL TYPE
These instruments are factory calibrated to operate over
a narrow level differential band and are ideally suited
for liquid level alarm applications on either high or
low level.
The
operating
level
is
fully
adjustable
simply
by
repositioning the displacer along its suspension cable.
The
differential
band
varies
slightly
with
liquid
specific gravity.
D U A L
S W I T C H
M O D E L S
S E R I E S
B 1 0
A N D
S E R I E S
B 1 5
SERIES B10
WIDE DIFFERENTIAL TYPE
These wide differential tandem units are factory calibrated
with a choice of several operating sequences designed to
meet virtually any application.
OPERATING SEQUENCES
Model B10 units are available with a choice of switch
operating
sequence.
Five
of
the
most
popular
sequences are described on page 8. When ordering,
specify operating sequence number and specific gravity
of the liquid.
SERIES B15
NARROW DIFFERENTIAL TYPE
These instruments utilize two switches — each actuated
at a different level and each calibrated with a narrow
differential band.
T R I - S W I T C H
M O D E L S
S E R I E S
C 1 0
A N D
S E R I E S
C 1 5
SERIES C10
WIDE DIFFERENTIAL TYPE
These wide differential type switches are designed to
provide three electrically separate control signals in a
selected sequence as liquid level varies.
These
units
come
factory-calibrated
with
a
choice
of several operating sequences combining wide and
narrow level differential.
SERIES C15
NARROW DIFFERENTIAL TYPE
These instruments are factory-calibrated to operate over
a narrow level band while providing three electrically
separate control signals as liquid level varies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com