Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 2 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 2 Page - Magnetrol International, Inc.

  A15-2E2B-BKB Datasheet HTML 1Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 2Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 3Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 4Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 5Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 6Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 7Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 8Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
Operation is based upon simple buoyancy, whereby a
spring is loaded with weighted displacers which are
heavier than the liquid. Immersion of the displacers in
the liquid results in buoyancy force change, which
moves the spring upward.
Since the spring moves only when the level moves on a
displacer, spring movement
Œ
is always a small fraction
of
the level travel between displacers

.
A magnetic sleeve
Ž
is connected to the spring and
operates within a non-magnetic barrier tube

. Spring
movement causes the magnetic sleeve to attract a pivot-
ed magnet

, actuating a switch mechanism
‘
located
outside the barrier tube. Built-in limit stops prevent over
stroking of the spring, under level surge conditions.
T E C H N O L O G Y
Falling
Level
Rising
Level
5
1
Pivot
Return
Spring
2
3
4
6
P
P R
R O
O O
O F
F -- E
E R
R
C O N T R O L S
The purpose of the PROOF-ER is to check the operation
of a displacer control without having to raise the level in
the tank. This is accomplished by pulling downward on
the PROOF-ER chain. A spring-loaded lever arm then lifts
the switch actuator simulating a high or high-high level
condition. When the chain is released, the PROOF-ER
returns the actuator to its previous position to resume nor-
mal operation.
D I S P L A C E R S
Stainless steel displacers are rated 720 psig @ +100° F
(50 bar @ +38° C).
Karbate displacers are limited to a minimum temperature
of +32° F (0° C) and a maximum temperature of +300° F
(+149° C).
Do not use porcelain displacers on non-vented boiler
water condensate systems over +200° F (+93° C). Stainless
steel or Karbate is recommended.
D I S P L A C E R S
S U S P E N S I O N
C A B L E
Displacers are field-adjustable at any point along the
suspension cable (10 feet (3 meters) 316 stainless steel is
standard). Monel® and Hastelloy® materials are available.
Consult the factory for longer lengths.
F L O A T I N G
R O O F T O P
C O N T R O L S
The floating rooftop control is designed for installation on
“barrier” (floating roof) tanks. The control will be fur-
nished with a brass weight displacer to prevent sparking.
A hollow brass displacer is required if the control is to
actuate in liquid as well as by the barrier. Consult factory
for other options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com