Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 16 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 16 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 12Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 13Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 14Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 15Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 16Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 17Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 18Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 19Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 20Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
S P E C I F I C A T I O N S
M O D E L
C 1 0
D I M E N S I O N A L
D A T A
INCHES (MM)
2 1/2" NPT
5.93
(151)
3.87
(98)
14.81
(376)
13.11
(332)
Plug
Elect.
Conn.
A Min.
Max.
B
C
3.13 (79)
5.93
(151)
3.87
(98)
14.81
(376)
13.11
(332)
Plug
Elect.
Conn.
Flange
A Min.
Max.
B
C
Model C10
with Threaded Mounting
Model C10
with Flanged Mounting
Outline Dimensions
Displacer
Threaded Mounting
Flanged Mounting
Type
AB
A
B
Porcelain
6.38
123.00
8.38
125.00
(965)
(3124)
(212)
(3175)
Stainless Steel
5.75
123.00
7.75
125.00
or Karbate
(146)
(3124)
(196)
(3175)
MODEL C10 WITH ALL DISPLACER ARRANGEMENTS
Displacer Type
CD
E
FG
Porcelain
2.56
6.42
5.02
5.02
3.62
(65)
(163)
(127)
(127)
(91)
Stainless Steel
2.50
6.00
6.00
4.50
4.50
or Karbate
(63)
(152)
(152)
(114)
(114)
MODEL C10 WITH DISPLACER
ARRANGEMENTS A, B, AND C
Displacer Type
CD
E
F
Porcelain
2.56
14.44
5.02
3.62
(65)
(367)
(127)
(91)
Stainless Steel
2.50
12.00
4.50
4.50
or Karbate
(63)
(304)
(114)
(114)
MODEL C10 WITH DISPLACER
ARRANGEMENTS D AND F
Displacer Type
CD
E
F
Porcelain
2.56
6.42
5.02
8.65
(65)
(153)
(127)
(219)
Stainless Steel
2.50
6.00
6.00
9.00
or Karbate
(63)
(152)
(152)
(228)
MODEL C10 WITH DISPLACER
ARRANGEMENTS E AND G
Electrical Connections
TYPE 4X/7/9, Group B:
1" NPT
D
H
L
G
Actuation
Actuation
Actuation
Upper
Switch
Lower
Switch
E
J
F
K
Actuation
Middle
Switch
D
H
L
G
Actuation
Actuation
Actuation
Upper
Switch
Lower
Switch
E
J
F
K
Actuation
Middle
Switch
D
H
L
G
Actuation
Actuation
Actuation
Upper
Switch
Lower
Switch
E
J
F
K
Actuation
Middle
Switch
Model C10
Displacer Arrangement C
Model C10
Displacer Arrangement A
Model C10
Displacer Arrangement B
C10 STANDARD ACTUATING LEVELS AND LIQUID SPECIFIC GRAVITY WITH DISPLACER ARRANGEMENTS A, B, AND C
S P E C I F I C A T I O N S
M O D E L
C 1 0
A C T U A T I O N
L E V E L S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com