Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 25 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 25 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 20Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 21Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 22Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 23Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 24Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 25Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 26Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 27Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 28Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
ELECTRIC SWITCH MECHANISM AND ENCLOSURE
“
PLUS ALARM
ARRANGEMENT NO. 1 – FILL WITH
HIGH LEVEL ALARM
The bottom switch starts the drain
cycle
when
the
level
reaches
the
upper displacer. The drain cycle stops
when the level falls to the bottom dis-
placer. If level rises above the “drain
start” level, the top switch will acti-
vate an alarm.
Top Switch
Narrow,
Diff. Fixed
Bottom Switch
Wide, Diff.
Adjustable
PLUS ALARM
ARRANGEMENT NO. 2 – DRAIN
WITH LOW LEVEL ALARM
The top switch starts the fill cycle
when level drops to the lower dis-
placer. The fill cycle stops when level
rises to the top displacer. If level rises
to the “fill start” level, the bottom
switch will activate an alarm.
Bottom Switch
Narrow,
Diff. Fixed
Top Switch
Wide, Diff.
Adjustable
CONTROL OF TWO PUMPS
ARRANGEMENT NO. 4
The top switch cycles with level
between the top and bottom dis-
placer. The bottom switch cycles
with level between the middle and
bottom displacer.
Bottom Switch
Wide, Diff.
Adjustable
Top Switch
Wide, Diff.
Adjustable
CONTROL OF TWO PUMPS
ARRANGEMENT NO. 5
The top switch cycles with level
between the top and middle dis-
placer. The bottom switch cycles
with level between the top and
bottom displacer.
Top Switch
Wide, Diff.
Adjustable
Bottom Switch
Wide, Diff.
Adjustable
The top switch cycles with level
between the top and middle dis-
placer. The bottom switch cycles
with level between the middle and
bottom displacer.
CONTROL OF TWO PUMPS OF DIFFERENT CAPACITY
ARRANGEMENT NO. 3 – TWO SWITCH,WIDE
DIFFERENTIAL OR DRAIN
Top Switch
Wide, Diff.
Adjustable
Bottom Switch
Wide, Diff.
Adjustable
10
Switch Description
Process ”
Temp. Range
° F (°C)
Two
Set Points
Switch Enclosure
TYPE 4X/7/9 Alum Polymer Coated ’
Class
I, Div. 1,
Groups C & D
Class
I, Div. 1,
Group B
ATEX
Ex
II 2G
EEx d
IIC T6
Series B Snap Switch
–40 to +250
(–40 to +121)
SPDT
BLB
BLK
BD9
DPDT
BOB
BOK
BG9
Series C Snap Switch
–40 to +450
(–40 to +232)
SPDT
CLB
CLK
CD9
DPDT
COB
COK
CG9
Series D Snap Switch
For DC Current Applications
–40 to +250
(–40 to +121)
SPDT
DLB
DLK
DD9
DPDT
DOB
DOK
DG9
Series F Hermetically Sealed
Snap Switch
–50 to +500
(–46 to +260)
SPDT
FLB
FLK
FD9
DPDT
FOB
FOK
FG9
Series 8 Hermetically Sealed
Snap Switch
–50 to +500
(–46 to +260)
SPDT
8LB
8LK
8D9
DPDT
8OB
8OK
8G9
Œ Not available with displacer material and Proof-er option
codes D, E, and F.
 Pressure/temperature ratings on page 3. Flanges are ANSI type.
Ž Not available with material of construction codes M and N.
 #125 flanges will be cast iron.
 Not available with material of construction code -4.
‘ Proof-er in carbon steel only with all materials of construction
codes.
’ Uncontrolled housing heater or drain available in NEMA
4X/7/9 enclosures. Consult factory for standard part numbers.
“ Pneumatic switch mechanisms and enclosures are unavail-
able for Series B10 and B15 switches.
” Process temperature based on +100° F (+38° C) ambient.
• Consult factory for NEMA 4X/7/9 cast iron housings.
Available only in carbon steel. Consult factory for 4" 300 lb.
316 SS flanged connection.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com