Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  A15-2E2B-BKB Datasheet HTML 1Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 2Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 3Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 4Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 5Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 6Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 7Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 8Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
AGENCY
APPROVED MODEL
AREA CLASSIFICATION
FM
All with an electric switch mechanism and a housing
Class
I, Div 1, Groups C & D
listed as Type 4X/7/9
Œ
Class
II, Div 1, Groups E, F & G
All with an electric switch mechanism and a housing
Class
I, Div 1, Groups B, C & D
listed as Type 4X/7/9 Class
I, Div 1, Group B
Class
II, Div 1, Groups E, F & G
CSA
All with a Series HS or F electric switch
Class
I, Div 2, Groups B, C & D
mechanism and a housing listed as CSA Type 4X
All with an electric switch mechanism and a housing
Class
I, Div 1, Groups C & D
listed as Type 4X/7/9
Œ
Class
II, Div 1, Groups E, F & G
All with an electric switch mechanism and a housing
Class
I, Div 1, Groups B, C & D
listed as Type 4X/7/9 Class
I, Div 1, Group B
Class
II, Div 1, Groups E, F & G
ATEX / IEC Ex

All with an electric switch mechanism and an
ATEX
II 2 G EEx d IIC T6
ATEX housing
Œ
94/9/EC
IEC Ex Ex d
IIC T6
IP66
CE
All models
Installation Category
II
Pollution Degree 2
Low Voltage Directives
2006/95/EC
per Harmonized Standard
EN 61010-1/1993 & Amendment No. 1
A G E N C Y
A P P R O V A L S
P R E S S U R E / T E M P E R A T U R E
R A T I N G S
Threaded Models
Ž
800 psig @ +100° F (55 bar @ +38° C)
250 psig @ +400° F (17 bar @ +204° C)
Flanged Models
Limited to the pressure rating of the selected flange
or displacer. Cast iron flanges are flat face type
conforming to ANSI dimensional specifications.
Low Pressure PROOF-ER Models
25 psig @ +200° F (1.7 bar @ +93° C)
Medium Pressure PROOF-ER Models
125 psig @ +300° F (8.6 bar @ +149° C)
Œ Controls with two or more HS or H1 switches are not ATEX approved.

IEC Installation Instructions:
The cable entry and closing devices shall be Ex d certified suitable for the conditions of use and correctly installed.
For ambient temperatures above +55° C or for process temperatures above +150° C, suitable heat resistant cables shall be used.
Heat extensions (between process connection and housing) shall never be insulated.
Special conditions for safe use:
When the equipment is installed in process temperatures higher than +85° C the temperature classification must be reduced
according to the following table as per IEC60079-0.
Maximum Process
Temperature
Temperature
Classification
< 85° C
T6
< 100° C
T5
< 135° C
T4
< 200° C
T3
< 300° C
T2
< 450° C
T1
These units are in conformity with IECEx KEM 05.0020X
Classification Ex d
IIC T6
Tambient -40° C to +70° C
Ž Models with stainless steel displacers are rated 720 psig @ +100° F (50 bar @ 38° C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com