Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 15 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 15 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 11Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 12Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 13Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 14Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 15Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 16Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 17Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 18Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 19Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
15
S P E C I F I C A T I O N S
M O D E L
B 1 5
D I M E N S I O N A L
D A T A
A N D
A C T U A T I O N
L E V E L S *
INCHES (MM)
Outline Dimensions
Displacer
Threaded Mounting
Flanged Mounting
Type
AB
A
B
Porcelain
5.50
123.00
7.50
125.00
(139)
(3124)
(190)
(3175)
Stainless Steel
5.88
123.00
7.88
125.00
or Karbate
(149)
(3121)
(200)
(3175)
Displacer Type
CD
E
Porcelain
2.56 (65)
7.25 (184)
5.02 (127)
Stainless Steel
2.50 (63)
10.50 (266)
6.00 (152)
or Karbate
Electrical Connections
TYPE 4X/7/9, Group B: 1" NPT
Displacer
Liquid
0.70
0.80
Temp.
FG
H
J
F
G
H
J
Type
° F
Stainless
100
9.50 (241)
5.00 (127)
4.90 (124)
1.30 (33)
7.60 (193)
3.70 (93)
4.30 (109)
1.10 (27)
Steel or
Karbate
200
——
—
—
8.20 (208)
4.30 (109)
5.00 (127)
1.80 (45)
B15 STANDARD ACTUATING LEVELS AND LIQUID SPECIFIC GRAVITY
Displacer
Liquid
0.95
1.00
Temp.
FG
H
J
F
G
H
J
Type
° F
Porcelain
100
5.50 (139)
2.00 (50)
3.70 (93)
1.00 (25)
5.00 (127)
1.70 (43)
3.50 (88)
0.80 (20)
100
5.50 (139)
2.00 (50)
3.70 (93)
1.00 (25)
4.90 (124)
1.70 (43)
3.40 (86)
0.90 (22)
Stainless
200
6.00 (152)
2.70 (68)
4.20 (106)
1.50 (38)
5.40 (137)
2.20 (55)
4.00 (101)
1.50 (38)
Steel
300
6.40 (162)
3.10 (78)
4.70 (119)
2.00 (50)
5.70 (144)
2.50 (63)
4.40 (111)
1.90 (48)
400
——
—
—
6.10 (154)
2.90 (73)
4.90 (124)
2.40 (60)
100
5.50 (139)
2.00 (50)
3.70 (93)
1.00 (25)
4.90 (124)
1.70 (43)
3.40 (86)
0.90 (22)
Karbate
200
6.00 (152)
2.70 (68)
4.20 (106)
1.50 (38)
5.40 (137)
2.20 (55)
4.00 (101)
1.50 (38)
300
6.40 (162)
3.10 (78)
4.70 (119)
2.00 (50)
5.70 (144)
2.50 (63)
4.40 (111)
1.90 (48)
Note: All levels ±0.25" (6).
*See page 21 for PROOF-ER and/or floating rooftop switch dimensions.
Note: All levels ±0.25" (6).
*See page 21 for PROOF-ER and/or floating rooftop switch dimensions.
Model B15
with Threaded Mounting
2 1/2" NPT
5.93
(151)
A Min.
3.87
(98)
10.12
(257)
8.46
(214)
3.13
(79)
Plug
Max.
B
D
F
Rising Level
Actuation
H
Falling Level
Actuation
E
Elect.
Conn.
C
Falling Level
Actuation
Rising Level
Actuation
G
J
Model B15
with Flanged Mounting
5.93
(151)
3.87
(98)
10.12
(257)
8.46
(214)
Plug
Elect.
Conn.
Flange
A Min.
Max.
B
D
F
Rising Level
Actuation
H
Falling Level
Actuation
E
C
Falling Level
Actuation
Rising Level
Actuation
G
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com