Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 24 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 24 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 20Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 21Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 22Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 23Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 24Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 25Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 26Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 27Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 28Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
Tank Connection 
Code
21⁄2" NPT Threaded
E2
3" 125 lb. Cast Iron FF Flange ސ
G2
3" 150 lb. ANSI RF Flange
G3
4" 125 lb. Cast Iron FF Flange ސ
H2
4" 150 lb. ANSI RF Flange
H3
4" 300 lb. ANSI RF Flange
H4
6" 125 lb. Cast Iron FF Flange ސ
K2
6" 150 lb. ANSI RF Flange
K3
6" 300 lb. ANSI RF Flange
K4
DISPLACER MATERIAL AND PROOF-ER OPTION
Proof-er
Displacer Material
Type
‘
Porcelain
316 SS
Karbate
Without
AB
C
Proof-er
Low
D Ž
E Ž
F Ž
Pressure
M O D E L
N U M B E R
S E R I E S
B 1 0
A N D
B 1 5
D U A L
S W I T C H
M O D E L S
MATERIALS OF CONSTRUCTION
Support
E-Tube
Displacer Clamps/
Magnetic
Process
Code
Spring
Trim
Mtg. Nut
Susp. Cable
Sleeve
Connection
1
Inconel 600
300 Series SS
Carbon Steel
316 SS
400 Series SS
Carbon Steel

2
Inconel 600
316 SS
316 SS
316 SS
316 SS
Carbon Steel

4
316 SS
5
Inconel 600
300 Series SS
Carbon Steel
Monel
400 Series SS
Carbon Steel

6
Hastelloy
M
Œ
NACE Const.
Inconel X750
316 SS
316 SS
316 SS
316 SS
316 SS
N
Œ
NACE Const.
Inconel X750
300 Series SS
316 SS
316 SS
316 SS
Carbon Steel
Liquid
Part Number
Function
Temp.
Displacer Type
Code
° F
° C
Porcelain
Stainless Steel
Karbate
100
38
0.60 to 1.20
0.50 to 1.00
0.50 to 1.00
200
93
0.64 to 1.50
0.50 to 1.00
0.50 to 1.00
B10
¦
Wide Differential, Dual Stage
300
149
0.80 to 1.50
0.60 to 1.00
0.60 to 1.00
400
204
1.00 to 1.50
0.72 to 1.00
—
500
260
1.10 to 1.50
0.84 to 1.00
—
100
38
0.95 to 1.20
0.70 to 1.20
0.70 to 1.20
200
93
1.10 to 1.20
0.80 to 1.20
0.80 to 1.20
B15
Narrow Differential, Dual Stage
300
149
—
0.90 to 1.20
0.90 to 1.20
400
204
—
1.00 to 1.20
—
500
260
—
1.04 to 1.20
—
PART NUMBER CODE AND SPECIFIC GRAVITY LIMITS
TANK CONSTRUCTION
¦ When ordering B10 units, an operating sequence and operating specific gravity must be provided.
Note: Each B10 instrument is factory calibrated to
operate on a given specific gravity within the
minimum and maximum values listed.
Models available for quick shipment, usually within one week after factory
receipt of a complete purchase order, through the Expedite Ship Plan (ESP)
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com