Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 18 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 18 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 14Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 15Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 16Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 17Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 18Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 19Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 20Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 21Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 22Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
S P E C I F I C A T I O N S
M O D E L
C 1 0
A C T U A T I O N
L E V E L S
( c o n t . )
INCHES (MM)
C10 STANDARD ACTUATING LEVELS AND LIQUID SPECIFIC GRAVITY WITH
DISPLACER ARRANGEMENTS E AND G
Displacer Liquid
0.58
0.60
0.70
0.80
Type
Temp.
G
HJ
K
G
HJ
K
G
HJ
K
G
HJ
K
° F
Porcelain
100
—
——————
—
2.50 2.20 5.80 1.90 2.30 2.00 5.50 2.10
(63)
(55) (147) (48)
(58)
(50) (139) (53)
Stainless
100
4.50 3.70 7.70 2.80 3.80 3.20 7.50 2.70 4.20 3.80 6.60 2.50 1.80 2.20 5.80 2.20
Steel
(114)
(93) (195) (71)
(96)
(81) (190) (68) (106) (96) (167) (63)
(45)
(55) (147) (55)
or
200
—
——————
—
————
3.20 2.90 7.00 3.40
Karbate
(81)
(73) (177) (86)
Displacer Liquid
0.90
1.00
1.10
1.20
Type
Temp.
G
H
J
K
GH
J
K
GH
J
K
GH
J
K
° F
100
3.00 2.40 6.30 3.20 1.40 1.40 5.70 1.90 3.00 2.60 6.10 3.60 1.70 1.70 5.70 3.40
Porcelain
(76)
(60) (160) (81)
(35)
(35) (144) (48) (76)
(66) (154) (91)
(43)
(43) (144) (86)
200
—
———
3.20 2.70 6.40 3.60 1.70 1.70 5.90 3.40
——
—
—
(81)
(68) (162) (91) (43)
(43) (149) (86)
100
3.10 3.20 7.00 3.80 1.30 1.90 6.30 3.40 3.10 3.20 7.00 4.40 1.60 2.20 6.40 4.00
Stainless
(78)
(81) (177) (96)
(33)
(48) (160) (86) (78)
(81) (177) (111) (40)
(55) (162) (101)
Steel
200
3.60 3.60 6.20 3.00 1.70 2.30 5.60 2.70
——————
—
—
or
(91)
(91) (157) (76)
(43)
(58) (142) (68)
Karbate
300
3.40 3.00 6.90 3.70 1.60 1.80 6.20 3.30
——————
—
—
(86)
(76) (175) (93)
(40)
(45) (157) (83)
D
G
K
Actuation
Actuation
Actuation
Upper
Switch
Lower
Switch
E
H
F
J
Actuation
Middle
Switch
D
G
K
Actuation
Actuation
Actuation
Upper
Switch
Lower
Switch
E
H
F
J
Actuation
Middle
Switch
Model C10
Displacer Arrangement G
Model C10
Displacer Arrangement E
Note: All levels ±0.25" (6).
Note: All levels ±0.25" (6).
S P E C I F I C A T I O N S
M O D E L
C 1 5
A C T U A T I O N
L E V E L S
INCHES (MM)
Displacer
Liquid
0.65
0.70
0.80
Temp.
GH
J
K
L
MG
H
J
K
L
M
G
H
J
K
L
M
Type
° F
Porcelain
0 to +130
——
—
—
—
—
—
—
—
—
—
—
6.20 1.40 5.30 1.00 3.80 0.90
(157) (35) (134) (25)
(96)
(22)
Stainless
7.70 2.20 6.10 2.00 4.90 1.40 6.70 1.60 5.50 1.60 4.60 1.30
6.50 2.00 5.20 1.60 4.30 1.10
Steel
0 to +130
or Karbate
(195) (55) (154) (50) (124) (35) (170) (40)
(139) (40) (116) (33)
(165) (50) (132) (40) (109) (27)
C15 STANDARD ACTUATING LEVELS AND LIQUID SPECIFIC GRAVITY
Displacer
Liquid
0.90
1.00
1.10
Temp.
GH
J
K
L
MG
H
J
K
L
M
G
H
J
K
L
M
Type
° F
Porcelain
0 to +130
6.20 1.90 5.00 1.40 3.60 1.00 4.60 0.70 4.00 0.80 3.30 0.90 4.20 1.10 3.80 1.00 3.10 0.90
(157) (48) (127) (35)
(91)
(25) (116) (17)
(101) (20)
(83)
(22) (106) (27)
(96)
(25)
(78)
(22)
Stainless
6.60 2.60 5.20 1.80 4.00 1.20 4.60 1.00 4.00 1.00 3.60 1.10
Steel
0 to +130
——
—
—
—
—
or Karbate
(167) (66) (132) (45) (101) (30) (116) (25)
(101) (25)
(91)
(27)
Displacer
Liquid
1.20
1.25
Temp.
GH
J
K
L
MG
H
J
K
L
M
Type
° F
Porcelain
0 to +130
4.50 1.60 3.70 1.10 2.90 0.90 3.90 1.10 3.30 0.90 2.80 0.80
(114) (40)
(93)
(27)
(73)
(22)
(99)
(27)
(83)
(22)
(71)
(20)
Note: All levels ±0.25" (6).
Note: All levels ±0.25" (6).
Note: All levels ±0.25" (6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com