Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 14 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 14 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 10Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 11Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 12Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 13Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 14Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 15Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 16Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 17Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 18Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
S P E C I F I C A T I O N S
M O D E L
B 1 0
A C T U A T I O N
L E V E L S
( c o n t . )
B10 STANDARD ACTUATING LEVELS AND LIQUID SPECIFIC GRAVITY WITH DISPLACER ARRANGEMENTS 3, 4,AND 5
INCHES (MM)
Displacer
Liquid
Type
Temp. ° F
Level
0.50 - 0.58
0.59 - 0.71
0.72 - 0.79
0.80 - 0.85
0.86 - 1.00
1.01 - 1.03
G
3.77 - 1.60
4.10 - 1.38
4.43 - 2.97
4.58 - 3.60
3.42 - 1.26
1.13 - 0.88
(95 - 40)
(104 - 35)
(112 - 75)
(24 - 91)
(86 - 31)
(28 - 22)
100
H
3.46 - 2.16
3.72 - 2.08
3.96 - 3.07
3.63 - 3.07
2.96 - 1.71
1.45 - 1.31
(87 - 54)
(94 - 52)
(100 - 77)
(92 - 77)
((75 - 43)
(36 - 33)
J
2.51 - 2.16
2.13 - 1.77
1.74 - 1.59
1.57 - 1.48
1.46 - 1.25
1.24 - 1.22
(63 - 54)
(54 - 44)
(44 - 40)
(39 - 37)
(37 - 31)
(31 - 30)
G
4.22 - 1.98
1.74 - 1.44
3.74 - 2.35
2.17 - 1.33
3.89 - 1.66
—
Stainless
(107 - 50)
(44 - 36)
(94 - 59)
(55 - 33)
(98 - 42)
Steel
200
H
3.76 - 2.42
2.27 - 1.89
3.02 - 2.22
2.12 - 1.64
3.22 - 1.93
—
and
(95 - 61)
(57 - 48)
(76 - 56)
(53 - 41)
(81 - 49)
Karbate
J
3.67 - 3.16
3.11 - 2.58
2.55 - 2.32
2.29 - 2.16
2.13 - 1.84
—
(93 - 80)
(78 - 65)
(64 - 58)
(58 - 54)
(54 - 46)
G—
4.87 - 2.26
4.55 - 3.08
2.89 - 2.02
4.56 - 2.24
—
(123 - 57)
(115 - 78)
(73 - 51)
(115 - 56)
300
H—
4.30 - 2.70
3.83 - 2.96
2.84 - 2.32
3.89 - 2.51
—
(109 - 68)
(97 - 75)
(72 - 58)
(98 - 63)
J—
4.03 - 3.40
3.36 - 3.06
3.02 - 2.84
2.81 - 2.42
—
(102 - 86)
(85 - 77)
(76 - 72)
(71 - 61)
G——
5.35 - 3.82
3.62 - 2.70
5.24 - 2.82
—
(135 - 97)
(91 - 68)
(133 - 71)
400
H—
—
4.63 - 3.69
3.57 - 3.01
4.57 - 3.09
—
(117 - 93)
(90 - 76)
(116 - 78)
J—
—
4.16 - 3.79
3.75 - 3.53
3.48 - 3.00
—
Stainless
(105 - 96)
(95 - 89)
(88 - 76)
Steel
G——
—
—
5.91 - 3.41
—
(150 - 86)
500
H—
—
—
—
5.24 - 3.67
—
(133 - 93)
J—
—
—
—
4.16 - 3.58
—
(105 - 90)
G
D
Actuation
Actuation
Actuation
Upper
Switch
Lower
Switch
H
E
J
F
G
D
Actuation
Actuation
Actuation
Upper
Switch
Lower
Switch
H
E
J
F
G
D
Actuation
Actuation
Actuation
Upper
Switch
Lower
Switch
H
E
J
F
Model B10
Displacer
Arrangement 3
Model B10
Displacer
Arrangement 4
Model B10
Displacer
Arrangement 5
Note: All levels ±0.25" (6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com