Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 19 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 19 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 15Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 16Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 17Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 18Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 19Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 20Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 21Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 22Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 23Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
S P E C I F I C A T I O N S
M O D E L
C 1 5
D I M E N S I O N A L
D A T A
A N D
A C T U A T I O N
L E V E L S
INCHES (MM)
OUTLINE DIMENSIONS
Displacer
Threaded Mounting
Flanged Mounting
Type
AB
A
B
Porcelain
7.75
125.00
9.75
127.00
(196)
(3175)
(247)
(3225)
Stainless Steel
7.25
124.00
9.25
126.00
or Karbate
(184)
(3149)
(234)
(3200)
Displacer Type
CD
E
F
Porcelain
2.56
7.25
6.42
5.02
(65)
(184)
(163)
(127)
Stainless Steel
2.50
9.00
7.50
6.00
or Karbate
(63)
(228)
(190)
(152)
Electrical Connections
TYPE 4X/7/9, Group B:
1" NPT
2 1/2" NPT
5.93
(151)
3.87
(98)
14.81
(376)
13.11
(332)
Plug
Elect.
Conn.
A Min.
Max.
B
D
G
Rising Level
Actuation
J
Falling Level
Actuation
E
C
Falling Level
Actuation
Rising Level
Actuation
H
K
L
F
M
Falling Level
Actuation
Rising Level
Actuation
3.13 (79)
5.93
(151)
3.87
(98)
14.81
(376)
13.11
(332)
Plug
Elect.
Conn.
Flange
A Min.
Max.
B
D
G
Rising Level
Actuation
J
Falling Level
Actuation
E
C
Falling Level
Actuation
Rising Level
Actuation
H
K
L
F
M
Falling Level
Actuation
Rising Level
Actuation
Model C15
with Threaded Mounting
Model C15
with Flanged Mounting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com