Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 2Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 3Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 4Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 5Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 6Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 7Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 8Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 9Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
S P E C I F I C A T I O N S
M O D E L
A 1 0
D I M E N S I O N A L
D A T A
A N D
A C T U A T I O N
L E V E L S
Model A10
with Threaded Mounting
2 1/2" NPT
5.93
(151)
A Min.
3.87
(98)
10.12
(257)
8.46
(214)
3.13
(79)
Plug
Max.
B
D
F
Rising Level
Actuation
G
Falling Level
Actuation
E
Elect.
Conn.
C
INCHES (MM)
Outline Dimensions
Displacer
Threaded Mounting
Flanged Mounting
Type
AB
A
B
Porcelain
5.00
122.00
7.00
124.00
(127)
(3098)
(177)
(3149)
Stainless Steel
4.75
122.00
6.75
124.00
or Karbate
(120)
(3098)
(171)
(3149)
Displacer Type
CD
E
Porcelain
2.56 (65)
7.25 (184)
3.62 (91)
Stainless Steel
2.50 (63)
9.00 (228)
4.50 (114)
or Karbate
Displacer
Liquid
0.60
0.70
0.80
0.90
1.00
Type
Temp.
FG
F
G
F
G
F
G
F
G
° F
100
5.30 (134)
1.50 (38)
4.10 (104)
1.20 (30)
3.20 (81)
1.10 (27)
2.50 (63)
1.00 (25)
2.00 (50)
0.90 (22)
200
——
4.80 (121)
2.00 (50)
3.80 (96)
1.80 (45)
3.00 (76)
1.60 (40)
2.50 (63)
1.50 (38)
Porcelain
300
——
—
—
4.30 (109)
2.40 (60)
3.40 (86)
2.10 (53)
2.90 (73)
1.90 (48)
400
—
—
—
———
3.40 (86)
2.60 (66)
2.90 (73)
2.40 (60)
Stainless
100
7.00 (177)
2.40 (60)
5.30 (134)
2.00 (50)
4.10 (104)
1.80 (45)
3.10 (78)
1.60 (40)
2.40 (60)
1.40 (35)
Steel
200
——
5.90 (149)
2.80 (71)
4.70 (119)
2.50 (63)
3.60 (91)
2.20 (55)
2.80 (71)
2.00 (50)
or Karbate
300
——
—
—
5.10 (129)
3.10 (78)
4.00 (101)
2.70 (68)
3.20 (81)
2.40 (60)
Stainless
400
—
—
—
———
4.40 (111)
3.20 (81)
3.60 (91)
2.90 (73)
Steel
500
—
—
—
———
—
—
3.90 (99)
3.30 (83)
STANDARD ACTUATING LEVELS AND LIQUID SPECIFIC GRAVITY
Model A10
with Flanged Mounting
5.93
(151)
A Min.
3.87
(98)
10.12
(257)
8.46
(214)
Plug
Max.
B
D
F
Rising Level
Actuation
G
Falling Level
Actuation
E
Elect.
Conn.
C
Flange
Electrical Connections
TYPE 4X/7/9, Group B: 1" NPT
NEMA 1 Pneumatic: 1⁄4" NPT
Note: All levels ±0.25" (6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com