Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 7Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 8Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 9Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 10Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 11Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 12Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 13Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 14Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 15Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
S P E C I F I C A T I O N S
M O D E L
B 1 0
A C T U A T I O N
L E V E L S
( c o n t . )
B10 STANDARD ACTUATING LEVELS AND LIQUID SPECIFIC GRAVITY WITH DISPLACER ARRANGEMENT 2
INCHES (MM)
Displacer
Liquid
Type
Temp. ° F
Level
0.60 - 0.64
0.65 -0.71
0.72 - 0.73
0.74 - 0.82
0.83 - 0.92
0.93 - 1.00
1.01 - 1.07
F
2.77 - 2.01
2.63 - 1.62
2.67 - 2.51
2.58 - 1.42
3.16 - 1.94
1.82 - 1.04
1.69 - 1.23
(70 - 51)
(66 - 41)
(67 - 63)
(65 - 36)
(80 - 49)
(45 - 26)
(42 - 31)
100
G
7.27 - 6.84
7.54 - 6.93
7.56 - 7.46
7.36 - 6.68
7.64 - 6.93
6.86 - 6.41
5.15 - 4.89
(184 - 173)
(191 - 176)
(192 - 189)
(186 - 169)
(194 - 176)
(174 - 162)
(130 - 124)
H
2.67 - 2.53
3.29 - 3.05
3.73 - 3.68
3.64 - 3.32
4.32 - 3.93
3.90 - 3.65
2.42 - 2.31
(67 - 64)
(83 - 77)
(94 - 93)
(92 - 84)
(109 - 99)
(99 - 92)
(61 - 58)
F
3.15
2.96 - 1.93
1.77 - 1.62
2.64 - 1.47
2.79 - 1.61
2.79 - 1.94
1.56 - 1.11
(80)
(75 - 49)
(44 - 41)
(67 - 37)
(70 - 40)
(70 - 49)
(39 - 28)
200
G
7.71
7.60 - 6.99
6.90 - 6.81
7.19 - 6.52
7.28 - 6.60
7.46 - 6.97
5.19 - 4.92
(195)
(193 - 177)
(175 - 172)
(182 - 165)
(184 - 167)
(189 - 177)
(131 - 124)
H
3.40
3.36 - 3.10
3.07 - 3.03
3.46 - 3.16
3.96 - 3.61
4.50 - 4.21
2.46 - 2.35
Porcelain
(86)
(85 - 78)
(77 - 76)
(87 - 80)
(100 - 91)
(114 - 106)
(62 - 59)
F—
—
—
3.39 - 2.15
3.47 - 2.22
3.39 - 2.50
2.11 - 1.63
(86 - 54)
(88 - 56)
(86 - 63)
(53 - 41)
300
G——
—
7.94 - 7.20
7.95 - 7.21
8.06 - 7.53
5.75 - 5.45
(201 - 182)
(201 - 183)
(204 - 191)
(146 - 138)
H—
—
—
4.21 - 3.84
4.63 - 4.21
5.10 - 4.77
3.02 - 2.87
(106 - 97)
(117 - 106)
(129 - 121)
(76 - 72)
F—
—
—
—
—
—
2.67 - 2.15
(67 - 54)
400
G——
—
—
—
—
6.30 - 5.97
(160 - 151)
H—
—
—
—
—
—
3.57 - 3.39
(90 - 86)
Note: All levels ±0.25" (6).
Note: All levels ±0.25" (6).
Displacer
Liquid
Type
Temp. ° F
Level
1.08 - 1.12
1.13 - 1.17
1.18 - 1.27
1.28 - 1.30
1.31 - 1.39
1.40 - 1.50
F
1.16 - 0.89
2.04 - 1.75
1.68 - 1.10
1.04 - 0.92
2.05 - 1.56
1.50 - 0.97
(29 - 22)
(51 - 44)
(42 - 27)
(26 - 23)
(52 - 39)
(38 - 24)
100
G
4.84 - 4.68
5.41 - 5.24
5.20 - 4.85
4.82 - 4.75
5.11 - 4.84
4.81 - 4.51
(122 - 118)
(137 - 133)
(132 - 123)
(122 - 120)
(129 - 122)
(122 - 114)
H
2.29 - 2.22
2.97 - 2.88
2.86 - 2.68
2.66 - 2.63
3.01 - 2.85
2.84 - 2.67
(58 - 56)
(75 - 73)
(72 - 68)
(67 - 66)
(76 - 72)
(72 - 67)
F
1.68 - 1.38
1.31 - 1.05
1.71 - 1.13
1.75 - 1.62
1.56 - 1.09
1.53 - 1.00
(42 - 35)
(33 - 26)
(43 - 28)
(44 - 41)
(39 - 27)
(38 - 25)
200
G
5.04 - 4.88
4.84 - 4.68
4.94 - 4.62
5.12 - 5.05
5.01 - 4.75
4.96 - 4.65
(128 - 123)
(122 - 118)
(125 - 117)
(130 - 128)
(127 - 120)
(125 - 118)
H
2.49 - 2.41
2.39 - 2.33
2.60 - 2.44
2.97 - 2.93
2.91 - 2.76
2.99 - 2.82
(63 - 61)
(60 - 59)
(66 - 61)
(73 - 70)
(73 - 70)
(75 - 77)
F
2.19 - 1.88
1.81 - 1.52
2.19 - 1.57
2.18 - 2.05
1.98 - 1.49
1.93 - 1.37
(55 - 47)
(45 - 38)
(55 - 39)
(50 - 37)
(50 - 37)
(49 - 34)
Porcelain
300
G
5.56 - 5.37
5.33 - 5.16
5.41 - 5.06
5.56 - 5.48
5.44 - 5.15
5.36 - 5.03
(141 - 136)
(135 - 131)
(137 - 128)
(138 - 130)
(138 - 130)
(136 - 127)
H
3.01 - 2.91
2.89 - 2.80
3.07 - 2.88
3.40 - 3.36
3.33 - 3.16
3.39 - 3.19
(76 - 73)
(73 - 71)
(77 - 73)
(84 - 80)
(84 - 80)
(86 - 81)
F
2.71 - 2.38
2.30 - 2.00
2.66 - 2.01
2.62 - 2.48
2.41 - 1.90
2.33 - 1.74
(68 - 60)
(58 - 50)
(67 - 51)
(61 - 48)
(61 - 48)
(59 - 44)
400
G
6.08 - 5.87
5.82 - 5.64
5.89 - 5.49
5.99 - 5.91
5.87 - 5.55
5.76 - 5.40
(154 - 149)
(147 - 143)
(149 - 139)
(152 - 150)
(149 - 140)
(146 - 137)
H
3.52 - 3.41
3.38 - 3.28
3.55 - 3.32
3.84 - 3.79
3.76 - 3.56
3.79 - 3.56
(89 - 86)
(85 - 83)
(90 - 84)
(97 - 96)
(95 - 90)
(96 - 90)
F
3.23 - 2.88
2.80 - 2.48
3.13 - 2.45
3.05 - 2.91
2.84 - 2.30
2.73 - 2.11
(82 - 73)
(71 - 62)
(79 - 62)
(77 - 73)
(72 - 58)
(69 - 53)
500
G
6.59 - 6.37
6.32 - 6.12
6.36 - 5.93
6.43 - 6.34
6.29 - 5.95
6.16 - 5.77
(167 - 161)
(160 - 155)
(161 - 150)
(163 - 161)
(159 - 151)
(156 - 146)
H
4.04 - 3.91
3.88 - 3.76
4.02 - 3.76
4.28 - 4.21
4.19 - 3.97
4.19 - 3.93
(102 - 99)
(98 - 95)
(102 - 95)
(108 - 106)
(106 - 100)
(106 - 99)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com