Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 22 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 22 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 18Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 19Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 20Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 21Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 22Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 23Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 24Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 25Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 26Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
M O D E L
N U M B E R
S E R I E S
A 1 0
A N D
A 1 5
S I N G L E
S W I T C H
M O D E L S
Models available for quick shipment, usually within one week after factory
receipt of a complete purchase order, through the Expedite Ship Plan (ESP)
TANK CONNECTION
Tank Connection
Code
21⁄2" NPT Threaded
E2
3" 125 lb. Cast Iron FF Flange
ސ
G2
3" 150 lb. ANSI RF Flange
G3
4" 125 lb. Cast Iron FF Flange
ސ
H2
4" 150 lb. ANSI RF Flange
H3
4" 300 lb. ANSI RF Flange
H4
6" 125 lb. Cast Iron FF Flange
ސ
K2
6" 150 lb. ANSI RF Flange
K3
6" 300 lb. ANSI RF Flange
K4
MATERIALS OF CONSTRUCTION
Support
E-Tube
Displacer Clamps/
Magnetic
Process
Code
Spring
Trim
Mtg. Nut
Susp. Cable
Sleeve
Connection
1
Inconel 600
300 Series SS
Carbon Steel
316 SS
400 Series SS
Carbon Steel

2
Inconel 600
316 SS
316 SS
316 SS
316 SS
Carbon Steel

4
316 SS
5
Inconel 600
300 Series SS
Carbon Steel
Monel
400 Series SS
Carbon Steel

6
Hastelloy
MŒ
NACE Const.
Inconel X750
316 SS
316 SS
316 SS
316 SS
316 SS
NŒ
NACE Const.
Inconel X750
300 Series SS
316 SS
316 SS
316 SS
Carbon Steel
12
Liquid
Part Number
Temp.
Displacer Type
Code
Function
° F
° C
Porcelain
Stainless Steel
Karbate
100
38
0.60 to 1.20
0.60 to 1.20
0.60 to 1.20
200
93
0.70 to 1.20
0.70 to 1.20
0.70 to 1.20
A10
Wide Differential, Single Stage
300
149
0.80 to 1.20
0.80 to 1.20
0.80 to 1.20
400
204
1.00 to 1.20
0.90 to 1.20
—
500
260
1.10 to 1.20
1.00 to 1.20
—
100
38
0.60 to 2.40
0.40 to 1.65
0.40 to 1.65
200
93
0.62 to 2.40
0.40 to 1.65
0.45 to 1.65
A15
Narrow Differential, Single Stage
300
149
0.65 to 2.40
0.50 to 1.65
0.50 to 1.65
400
204
0.70 to 2.40
0.55 to 1.65
—
500
260
0.75 to 2.40
0.60 to 1.65
—
PART NUMBER CODE AND SPECIFIC GRAVITY LIMITS
DISPLACER MATERIAL AND PROOF-ER OPTION
Proof-er
Displacer Material
Type
Porcelain
316 SS
Karbate
Without Proof-er
AB
C
Low Pressure
D
Ž
E
Ž
F
Ž
Medium Pressure
G
Ž
H
Ž
J
Ž
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com