Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 12 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 12 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 8Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 9Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 10Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 11Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 12Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 13Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 14Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 15Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 16Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
S P E C I F I C A T I O N S
M O D E L
B 1 0
A C T U A T I O N
L E V E L S
( c o n t . )
B10 STANDARD ACTUATING LEVELS AND LIQUID SPECIFIC GRAVITY WITH DISPLACER ARRANGEMENT 2 (cont.)
INCHES (MM)
Displacer
Liquid
Type
Temp. ° F
Level
0.50 - 0.58
0.59 - 0.71
0.72 - 0.79
0.80 - 0.85
0.86 - 1.00
1.01 - 1.03
F
3.77 - 1.60
4.10 - 1.38
4.43 - 2.97
4.58 - 3.60
3.42 - 1.26
1.13 - 0.88
(95 - 40)
(104 - 35)
(112 - 75)
(24 - 91)
(86 - 31)
(28 - 22)
100
G
9.46 - 8.16
9.72 - 8.08
9.96 - 9.07
9.63 - 9.07
8.96 - 7.71
7.63 - 7.48
(240 - 207)
(246 - 205)
(252 - 230)
(244 - 230)
(227 - 195)
(193 - 189)
H
3.73 - 3.21
4.86 - 4.04
5.97 - 5.44
6.05 - 5.69
5.63 - 4.84
4.79 - 4.70
(94 - 81)
(123 - 102)
(151 - 138)
(153 - 144)
(143 - 122)
(121 - 119)
F
4.22 - 1.98
1.74 - 1.44
3.74 - 2.35
2.17 - 1.33
3.89 - 1.66
—
Stainless
(107 - 50)
(44 - 36)
(94 - 59)
(55 - 33)
(98 - 42)
Steel
200
G
9.76 - 8.42
8.27 - 6.88
9.02 - 8.22
8.12 - 7.64
9.22 - 7.93
—
and
(247 - 213)
(210 - 174)
(229 - 208)
(206 - 194)
(234 - 201)
Karbate
H
4.03 - 3.47
3.41 - 2.84
5.04 - 4.59
4.53 - 4.27
5.88 - 5.06
—
(102 - 88)
(86 - 62)
(128 - 116)
(115 - 108)
(149 - 128)
F—
4.87 - 2.26
4.55 - 3.08
2.89 - 2.02
4.56 - 2.24
—
(123 - 57)
(115 - 78)
(73 - 51)
(115 - 56)
300
G—
10.30 - 8.70
9.83 - 8.96
8.84 - 8.32
9.89 - 8.51
—
(261 - 220)
(249 - 227)
(224 - 211)
(251 - 216)
H—
5.52 - 4.66
5.84 - 5.33
5.26 - 4.95
6.56 - 5.64
—
(140 - 118)
(148 - 135)
(133 - 125)
(166 - 131)
F—
—
5.35 - 3.82
3.62 - 2.70
5.24 - 2.82
—
(135 - 97)
(91 - 68)
(133 - 71)
400
G——
10.63 - 9.69
9.57 - 9.01
10.57 - 9.09
—
(270 - 246)
(243 - 228)
(183 - 157)
H—
—
6.65 - 6.06
5.99 - 5.63
7.24 - 6.22
—
Stainless
(168 - 153)
(152 - 143)
(183 - 157)
Steel
F—
—
—
—
5.91 - 3.41
—
(150 - 86)
500
G——
—
—
11.24 - 9.67
—
(285 - 245)
H—
—
—
—
7.91 - 6.80
—
(200 - 172)
Note: All levels ±0.25" (6).
D
G
H
F
E
Actuation
Actuation
Actuation
Upper
Switch
Lower
Switch
Model B10
Displacer Arrangement 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com