Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 20 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 20 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 16Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 17Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 18Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 19Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 20Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 21Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 22Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 23Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 24Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
Switch Description
Process
Temp.
Range
°F (°C)
C
O
N
T
A
C
T
S
Model A15 Codes
Single Set Point
Model B15 Codes
Dual Set Points
TYPE 4X/7/9 Aluminum Enclosure
Cl. I,
Div 1
Groups
C & D
Cl. I,
Div 1
Group B
ATEX
Ex II 2 G
EEx d IIC
T6
Cl. I,
Div 1
Groups
C & D
Cl. I,
Div 1
Group B
ATEX
Ex II 2 G
EEx d
IIC
T6
Series B Snap Switch
–40 to +250
(–40 to +121)
SPDT
BKQ
BKS
BA9
BLB
BLK
BD9
DPDT
BNQ
BNS
BB9
BOB
BOK
BG9
Series C Snap Switch
–40 to +450
(–40 to +232)
SPDT
CKQ
CKS
CA9
CLB
CLK
CD9
DPDT
CNQ
CNS
CB9
COB
COK
CG9
Series D DC Current
Snap Switch
–40 to +250
(–40 to +121)
SPDT
DKQ
DKS
DA9
DLB
DLK
DD9
DPDT
DNQ
DNS
DB9
DOB
DOK
DG9
Series F Herm. Sealed
Snap Switch
–50 to +500
(–46 to +260)
SPDT
FKQ
FKS
FA9
FLB
FLK
FD9
DPDT
FNQ
FNS
FB9
FOB
FOK
FG9
Series HS Herm. Sealed
5 Amp Snap Switch
with Wiring Leads
–50 to +500
(–46 to +260)
SPDT
HMC
HEK
N/A
N/A
DPDT
HMF
HET
Series HS Herm. Sealed
5 Amp Snap Switch
with Terminal Block
–50 to +500
(–46 to +260)
SPDT
HM3
HM4
HA9
DPDT
HM7
HM8
HB9
Series 8 Herm. Sealed
Snap Switch
–50 to +500
(–46 to +260)
SPDT
8KQ
8KS
8A9
8LB
8LK
8D9
DPDT
8NQ
8NS
8B9
8OB
8OK
8G9
M O D E L
N U M B E R
S E R I E S
A 1 5
A N D
B 1 5
F O R
F L O A T I N G
R O O F
D E T E C T I O N
1
PART NUMBER CODE
MODEL SELECTION CHART
TANK CONNECTION
Tank Connection
Code
Connection Type
E2
21⁄2" NPT Threaded
H2
4" 125 lb. FF cast iron flange
H3
4" 150 lb. RF carbon steel flange
K2
6" 125 lb. FF cast iron flange
K3
6" 150 lb. RF carbon steel flange
DISPLACER MATERIAL AND PROOF-ER OPTION
Part Number Code
Function
Materials of Construction
A15–1
Narrow differential, Single Stage
Carbon steel process connection,
300 series ss trim, 400 series sleeve
B15–1
Narrow differential, Dual Stage
Displacer Type and Material Code
Floating Roof Only
Liquid &
Floating Roof
Brass
Hollow Brass
Œ
PROOF-ER Type
P
R
Without PROOF-ER
Q
T
Low Pressure PROOF-ER
Œ Available on model A15 only. Suitable for process liquids with SG greater than or equal to 0.40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com