Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  A15-2E2B-BKB Datasheet HTML 1Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 2Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 3Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 4Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 5Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 6Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 7Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 8Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
SERIES HS, F & 8 HERMETICALLY SEALED SWITCHES
•
Entire mechanism and contacts are contained within a
positively pressurized capsule with series ‘HS’
•
Ideal for use in salt and other corrosive atmospheres
•
Available in two models, one with easy access
terminals, another with 12" (305 mm) long exposed
wiring leads which may be field connected away from
the switch enclosure
SERIES J & K PNEUMATIC SWITCHES
•
Suited for process industry applications in hazardous
locations or where electrical power is not available
•
Series “J” bleed type switch is intended for
general purpose applications
•
Series “K” switch is specially designed to
provide non-bleed operation with a high
degree of vibration resistance
SERIES B, C, D, O & Q DRY CONTACT SWITCHES
•
Series “B”, “C”, “O” and “Q” switches are general
purpose units with a selection of maximum liquid
temperature ratings
•
Series “D” switch is designed for high DC current
applications
S P E C I F I C A T I O N S
S W I T C H
M E C H A N I S M S
A N D
E N C L O S U R E S
BASIC ELECTRICAL RATINGS
SWITCH ENCLOSURES
•
TYPE 4X/7/9 aluminum enclosures
•
Designed and approved for Class I, Div. 1, Groups
C & D and Class I, Div. 1 Group B
•
Optional housing heaters and drains
available for some enclosures
•
Pneumatic switch mechanisms available with
a NEMA 1 enclosure
Voltage
Switch Series and Non-Inductive Ampere Rating
B
C
D
F
HS
O
Q
8
120 VAC 15.00 15.00 10.00 0.25
5.00
15.00 15.00
1.00
240 VAC 15.00 15.00
—
—
5.00
15.00 15.00
—
24 VDC
6.00 10.00 10.00 4.00
5.00
—
6.00
3.00
120 VDC
0.50
1.00 10.00 0.30
0.50
1.00
0.50
—
240 VDC
0.25
0.50
3.00
—
0.25
0.50
0.25
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com