Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A15-2E2B-BKB Datasheet(PDF) 23 Page - Magnetrol International, Inc.

Part # A15-2E2B-BKB
Description  Displacer Type Liquid Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

A15-2E2B-BKB Datasheet(HTML) 23 Page - Magnetrol International, Inc.

Back Button A15-2E2B-BKB Datasheet HTML 19Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 20Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 21Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 22Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 23Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 24Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 25Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 26Page - Magnetrol International, Inc. A15-2E2B-BKB Datasheet HTML 27Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
Switch Description
Max.
”
Process
Temp.
° F (°C)
One
Set
Point
A10 Codes
A15 Codes
TYPE 4X/7/9 Aluminum Polymer Coated
‘
Class
I, Div. 1,
Groups C & D
Class
I, Div. 1,
Group B
ATEX
Ex
II 2G
EEx d
IIC
Class
I, Div. 1,
Groups C & D
Class
I, Div. 1,
Group B
ATEX
Ex
II 2G
EEx d
IIC
Series B Snap Switch
–40 to +250
(–40 to +121)
SPDT
BKB
BKK
BC9
BKQ
BKS
BA9
DPDT
BNB
BNK
BF9
BNQ
BNS
BB9
Series C Snap Switch
–40 to +450
(–40 to +232)
SPDT
CKB
CKK
CC9
CKQ
CKS
CA9
DPDT
CNB
CNK
CF9
CNQ
CNS
CB9
Series D Snap Switch For
DC Current Applications
–40 to +250
(–40 to +121)
SPDT
DKB
DKK
DC9
DKQ
DKS
DA9
DPDT
DNB
DNK
DF9
DNQ
DNS
DB9
Series HS Herm. Sealed
Snap Switch w/Wiring Leads
–50 to +500
(–46 to +260)
SPDT
HMJ
HMK
n/a
HMC
HEK
n/a
DPDT
HMS
HMT
HMF
HET
Series HS Herm. Sealed
Snap Switch w/Terminal Block
–50 to +500
(–46 to +260)
SPDT
HM3
HM4
HA9
HM3
HM4
HA9
DPDT
HM7
HM8
HB9
HM7
HM8
HB9
Series F Herm. Sealed
Snap Switch
–50 to +500
(–46 to +260)
SPDT
FKB
FKK
FC9
FKQ
FKS
FA9
DPDT
FNB
FNK
FF9
FNQ
FNS
FB9
Series 8 Herm. Sealed
Snap Switch
–50 to +500
(–46 to +260)
SPDT
8KB
8KK
8C9
8KQ
8KS
8A9
DPDT
8NB
8NK
8F9
8NQ
8NS
8B9
ELECTRIC SWITCH MECHANISM AND ENCLOSURE
10
PNEUMATIC SWITCH MECHANISM AND ENCLOSURE
Œ Not available with displacer material and Proof-er
option codes D, E, F, G, H, and J.
 Pressure/temperature ratings on page 4. Flanges
are ANSI type.
Ž Not available with material of construction codes
M and N.
 #125 flanges will be cast iron.
 Not available with material of construction code -4.
‘ Uncontrolled housing heater or drain available in
TYPE 4X/7/9 enclosures. Consult factory for
standard part numbers.
’ Available with a 6" tall cover only.
“ CSA approval does not apply to Series HE
switches.
” Process temperature based on +100° F (+38° C)
ambient.
• Consult factory for TYPE 4X/7/9 cast iron
housings.
On steam applications, temperature down rated to
+400° F (+204° C) process at +100° F (+38° C)
ambient.
Proof-er in carbon steel only with all materials of
construction.
Available only in carbon steel. Consult factory for 4"
300 lb. 316 SS flanged connection.
Maximum
Maximum
Bleed
Switch
Supply
Process
Orifice
A10 Codes
A15 Codes
Description
Pressure
Temperature
Diameter
PSIG
Bar
° F
° C
Inches
mm
NEMA 1
NEMA 1
Series J Bleed Type
100
7
400
204
.063
1
JGF
JDE
Pneumatic Switch
60
4
400
204
.094
2
JHF
JEE
Series K Non-Bleed
Pneumatic Switch
100
7
400
204
——
KOF
KOE
12
11
’
’
’
’
’
’
“
“
11
11
M O D E L
N U M B E R
S E R I E S
A 1 0
A N D
A 1 5
S I N G L E
S W I T C H
M O D E L S
( c o n t . )
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com