Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 152 page
background image
Programming Considerations
The HXT and LXT oscillators both use the same SST counter. For example, if the system is woken up
from the SLEEP0 Mode and both the HXT and LXT oscillators need to start-up from an off state. The
LXT oscillator uses the SST counter after HXT oscillator has finished its SST period.
· If the device is woken up from the SLEEP0 Mode to the NORMAL Mode, the high speed system
oscillator needs an SST period. The device will execute first instruction after HTO is
²1². At this
time, the LXT oscillator may not be stability if fSUB is from LXT oscillator. The same situation occurs
in the power-on state. The LXT oscillator is not ready yet when the first instruction is executed.
· If the device is woken up from the SLEEP1 Mode to NORMAL Mode, and the system clock source
is from HXT oscillator and FSTEN is
²1², the system clock can be switched to the LXT or LIRC
oscillator after wake up.
· There are peripheral functions, such as WDT, TMs and SIM, for which the fSYS is used. If the system
clock source is switched from fH to fL, the clock source to the peripheral functions mentioned above
will change accordingly.
· The on/off condition of fSUB and fS depends upon whether the WDT is enabled or disabled as the
WDT clock source is selected from fSUB.
Watchdog Timer
The Watchdog Timer is provided to prevent program malfunctions or sequences from jumping to
unknown locations, due to certain uncontrollable external events such as electrical noise.
Watchdog Timer Clock Source
The Watchdog Timer clock source is provided by the internal clock, fS, which is in turn supplied by one
of two sources selected by configuration option: fSUB or fSYS/4. The fSUB clock can be sourced from either
the LXT or LIRC oscillators, again chosen via a configuration option. The Watchdog Timer source
clock is then subdivided by a ratio of 2
13 to 220 to give longer timeouts, the actual value being chosen
using the WS2~WS0 bits in the WDTC register. The LIRC internal oscillator has an approximate
period of 32kHz at a supply voltage of 5V.
However, it should be noted that this specified internal clock period can vary with VDD, temperature
and process variations. The LXT oscillator is supplied by an external 32.768kHz crystal. The other
Watchdog Timer clock source option is the fSYS/4 clock. The Watchdog Timer clock source can
originate from its own internal LIRC oscillator, the LXT oscillator or fSYS/4. It is divided by a value of
2
13 to 220, using the WS2~WS0 bits in the WDTC register to obtain the required Watchdog Timer
time-out period.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
49
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com