Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 63 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 152 page
background image
For the 16-bit Timer/Event Counter which has both low byte and high byte timer registers, accessing
these registers is carried out in a specific way. It must be noted when using instructions to preload data
into the low byte timer register, namely TMR1L, the data will only be placed in a low byte buffer and
not directly into the low byte timer register. The actual transfer of the data into the low byte timer
register is only carried out when a write to its associated high byte timer register, namely TMR1H, is
executed. On the other hand, using instructions to preload data into the high byte timer register will
result in the data being directly written to the high byte timer register. At the same time the data in the
low byte buffer will be transferred into its associated low byte timer register. For this reason, the low
byte timer register should be written first when preloading data into the 16-bit timer registers. It must
also be noted that to read the contents of the low byte timer register, a read to the high byte timer
register must be executed first to latch the contents of the low byte timer register into its associated low
byte buffer. After this has been done, the low byte timer register can be read in the normal way. Note
that reading the low byte timer register will result in reading the previously latched contents of the low
byte buffer and not the actual contents of the low byte timer register.
Timer Control Registers
- TMR0C, TMR1C
The flexible features of the Holtek microcontroller Timer/Event Counters enable them to operate in
four different modes, the options of which are determined by the contents of their respective control
register.
It is the Timer Control Register together with its corresponding timer registers that control the full
operation of the Timer/Event Counters. Before the timers can be used, it is essential that the
appropriate Timer Control Register is fully programmed with the right data to ensure its correct
operation, a process that is normally carried out during program initialisation.
To choose which of the four modes the timer is to operate in, either in the timer mode, the external
event counting mode, the internal event counter mode, or the pulse width measurement mode, bits 7
and 6 of the Timer Control Register, which are known as the bit pair T0M1/T0M0 or T1M1/T1M0
respectively, depending upon which timer is used, must be set to the required logic levels. The
timer-on bit, which is bit 4 of the Timer Control Register and known as T0ON or T1ON, depending
upon which timer is used, provides the basic on/off control of the respective timer. Setting the bit high
allows the counter to run, clearing the bit stops the counter. For timers that have prescalers, bits 0~2 of
the Timer Control Register determine the division ratio of the input clock prescaler. The prescaler bit
settings have no effect if an external clock source is used. If the timer is in the event count or pulse
width measurement mode, the active transition edge level type is selected by the logic level of bit 3 of
the Timer Control Register which is known as T0E or T1E depending upon which timer is used. An
additional T1S bit in the TMR1C register is used to determine the clock source for Timer/Event
Counter 1.
Configuring the Timer Mode
In this mode, the Timer/Event Counter can be utilised to measure fixed time intervals, providing an
internal interrupt signal each time the Timer/Event Counter overflows. To operate in this mode, the
Operating Mode Select bit pair, T0M1/T0M0 or T1M1/T1M0, in the Timer Control Register must be
set to the correct value as shown.
Control Register Operating Mode
Select Bits for the Timer Mode
Bit7
Bit6
10
In this mode the internal clock, fSYS , is used as the internal clock for 8-bit Timer/Event Counter 0 and
fSUB or fSYS/4 is used as the internal clock for 16-bit Timer/Event Counter 1. However, the clock source,
fSYS, for 8-bit timer is further divided by a prescaler, the value of which is determined by the Prescaler
Rate Select bits T0PSC2~T0PSC0, which are bits 2~0 in the Timer Control Register. After the other
bits in the Timer Control Register have been setup, the enable bit T0ON or T1ON, which is bit 4 of the
Timer Control Register, can be set high to enable the Timer/Event Counter to run. Each time an
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
63
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com