Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 152 page
background image
Pin Description
Pin Name
Function
OPT
I/T
O/T
Description
PA0/CNP/SCOM0
PA0
PAPU
PAWU
ST
CMOS
General purpose I/O. Register enabled pull-up,
wake-up.
CNP
CMP1C1
CMPI
¾
Comparator input pin
SCOM0
LCDC
¾
SCOM
Software controlled 1/2 bias LCD COM
PA1/C1OUT/TC0
PA1
PAPU
PAWU
ST
CMOS
General purpose I/O. Register enabled pull-up,
wake-up.
C1OUT
CMP1C1
¾
CMPO
Comparator 1 output pin
TC0
¾
ST
¾
External Timer0 clock input
PA2/A1P/C2OUT
PA2
PAPU
PAWU
ST
CMOS
General purpose I/O. Register enabled pull-up,
wake-up.
A1P
OPA1C1
OPAI
¾
OPA1 non-inverting input pin
C2OUT
CMP2C1
¾
CMPO
Comparator 2 output pin
PA3/A1N/INT0
PA3
PAPU
PAWU
ST
CMOS
General purpose I/O. Register enabled pull-up,
wake-up.
A1N
OPA1C1
OPAI
¾
OPA1 inverting input pin
INT0
¾
ST
¾
External interrupt 0 input pin
PA4/A1E/TC1
PA4
PAPU
PAWU
ST
CMOS
General purpose I/O. Register enabled pull-up and
wake-up.
A1E
OPA1C1
¾
OPAO
OPA1 output pin
TC1
¾
ST
¾
External Timer1 clock input
PA5/A2P/PFD
PA5
PAPU
PAWU
ST
CMOS
General purpose I/O. Register enabled pull-up and
wake-up.
A2P
OPA2C1
OPAI
¾
OPA2 non-inverting input pin
PFD
MISC
¾
CMOS
PFD output
PA6/A2N/BZ
PA6
PAPU
PAWU
ST
CMOS
General purpose I/O. Register enabled pull-up and
wake-up.
A2N
OPA2C1
OPAI
¾
OPA2 inverting input pin
BZ
BPCTL
¾
CMOS
Buzzer output
PA7/A2E/BZ
PA7
PAPU
PAWU
ST
CMOS
General purpose I/O. Register enabled pull-up and
wake-up.
A2E
OPA2C1
¾
OPAO
OPA2 output pin
BZ
BPCTL
¾
CMOS
Complementary buzzer output
PB0/SDO/INT1
PB0
PBPU
MISC
ST
CMOS
NMOS
General purpose I/O. Register enabled pull-up and
output NMOS structure.
SDO
¾¾
CMOS
SPI data output
INT1
¾
ST
¾
External interrupt 1 input pin
PB1/SDI/SDA
PB1
PBPU
MISC
ST
CMOS
NMOS
General purpose I/O. Register enabled pull-up and
output NMOS structure.
SDI
¾
ST
¾
SPI data input
SDA
¾
ST
NMOS
I
2C data
Rev. 1.20
10
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com