Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 152 page
background image
Reset and Initialisation
A reset function is a fundamental part of any microcontroller ensuring that the device can be set to
some predetermined condition irrespective of outside parameters. The most important reset condition
is after power is first applied to the microcontroller. In this case, internal circuitry will ensure that the
microcontroller, after a short delay, will be in a well defined state and ready to execute the first
program instruction. After this power-on reset, certain important internal registers will be set to
defined states before the program commences. One of these registers is the Program Counter, which
will be reset to zero forcing the microcontroller to begin program execution from the lowest Program
Memory address.
In addition to the power-on reset, situations may arise where it is necessary to forcefully apply a reset
condition when the microcontroller is running. One example of this is where after power has been
applied and the microcontroller is already running, the RES line is forcefully pulled low. In such a
case, known as a normal operation reset, some of the microcontroller registers remain unchanged
allowing the microcontroller to proceed with normal operation after the reset line is allowed to return
high.
Another type of reset is when the Watchdog Timer overflows and resets the microcontroller. All types
of reset operations result in different register conditions being setup. Another reset exists in the form of
a Low Voltage Reset, LVR, where a full reset, similar to the RES reset is implemented in situations
where the power supply voltage falls below a certain threshold.
Reset Functions
There are five ways in which a microcontroller reset can occur, through events occurring both
internally and externally:
· Power-on Reset
The most fundamental and unavoidable reset is the one that occurs after power is first applied to the
microcontroller. As well as ensuring that the Program Memory begins execution from the first
memory address, a power-on reset also ensures that certain other registers are preset to known
conditions. All the I/O port and port control registers will power up in a high condition ensuring that
all pins will be first set to inputs.
· RES Pin
As the reset pin is shared with PB.6, the reset function must be selected using a configuration option.
Although the microcontroller has an internal RC reset function, if the VDD power supply rise time is
not fast enough or does not stabilise quickly at power-on, the internal reset function may be
incapable of providing proper reset operation. For this reason it is recommended that an external RC
network is connected to the RES pin, whose additional time delay will ensure that the RES pin
remains low for an extended period to allow the power supply to stabilise. During this time delay,
normal operation of the microcontroller will be inhibited. After the RES line reaches a certain
voltage value, the reset delay time tRSTD is invoked to provide an extra delay time after which the
microcontroller will begin normal operation. The abbreviation SST in the figures stands for System
Start-up Timer.
For most applications a resistor connected between VDD and the RES pin and a capacitor connected
between VSS and the RES pin will provide a suitable external reset circuit. Any wiring connected to
the RES pin should be kept as short as possible to minimise any stray noise interference.
Rev. 1.20
52
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
R E S
V D D
I n t e r n a l R e s e t
0 . 9 V D D
t R S T D + t S S T
t R S T D + t S S T
Note: tRSTD is power-on delay, typical time=100ms
Power-On Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com