Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 97 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 97 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 96Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 97Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 98Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 99Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 101Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 152 page
background image
LCD Bias Control
The LCD COM driver enables two kinds of selection to be provided to suit the requirement of the LCD
panel which is being used. The bias resistor choice is implemented using the ISEL bit in the LCDC
register.
LCDC Register
Bit
76543210
Name
¾
LCDBUF
ISEL
LCDEN
COM3EN
COM2EN
COM1EN
COM0EN
R/W
¾
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
¾
0000000
Bit 7
unimplemented, read as
²0²
Bit 6
LCDBUF: LCD buffer control bit
0: disable
1: enable
Bit 5
ISEL: SCOM operating current selection (VDD=5V)
0: 10uA
1: 25uA
Bit 4
LCDEN: LCD control bit
0: disable
1: enable
The SCOMn can be enable by COMnEN if LCDEN=1.
Bit 3
COM3EN: PC6 or SCOM3 selection
0: GPIO
1: SCOM3
Bit 2
COM2EN: PC5 or SCOM2 selection
0: GPIO
1: SCOM2
Bit 1
COM1EN: PC4 or SCOM1 selection
0: GPIO
1: SCOM1
Bit 0
COM0EN: PA0 or SCOM0 selection
0: GPIO
1: SCOM0
Note:
This device provides the LCD buffer function, which is controlled by LCDBUF flag, to prevent the interference
from LCD panel. With this buffer, that will provide more stable reference voltages, VH0/1, VL0/1, for OPA and
Comparator. It should be noted that if the LCD SCOM power supply is selected from VLDO or if the LCD panel
has larger size, than the LCD buffer should be turned on to have a higher driver current. However, that will
cause more power consumption to turn on this buffer.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
97
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com