Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 152 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
tSST3
System start-up timer period
(With fast start-up) of
XTAL/TBC
¾
wake-up from Idle mode
(fSL=fTBC)
¾
12
tTBC
(Note 2)
tSST4
System start-up timer period
(With fast start-up) of
XTAL/TBC
¾
wake-up from Idle mode
(fSL=fRC32K)
¾
12
tRC32K
(Note 3)
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tAD
A/D Clock Period
¾¾
0.5
¾¾
ms
tADC
A/D Conversion Time (Note 5)
¾¾
¾
16
¾
tAD
tON2ST
A/D on to A/D Start
¾
2.7V~5.5V
2
¾¾
ms
Note:
1. tSYS=1/fSYS;tSUB = 1/fSUB
2. tTBC is period of 32768, 32768 oscillator will not stop at Idle mode.
3. tRC32K is period of internal 32K RC, LIRC will not stop at Idle mode.
4. For fERC, as the resistor tolerance will influence the frequency a precision resistor is recommended.
5. ADC conversion time (tAD)=n (bits ADC) + 4 (sampling time), The conversion for each bit needs one
ADC clock (tAD).
OP Amplifier Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
D.C. Characteristic
VDD
Operating voltage
¾¾
2.2
¾
5.5
V
IDD
Quiescent current (HT45F23)
5V
No load
¾
200
350
mA
Quiescent current (HT45F43)
¾
1.5
4.0
mA
ICC
Supply Current Per Single
Amplifier (Includes Bandgap
Current Consumption) (HT45F43)
3V
AV=1, AxP=VDD,
no load
¾
913
mA
VOPOS1
Input offset voltage
5V
AxOF4~0=(10000)
-15
¾
+15
mV
VOPOS2
Input offset voltage
5V
By calibration
-4
¾
+4
mV
IOPOS
Input offset current
¾
VDD=5V, VCM=1/2VDD,
Ta=
-40~85°C
¾
10
¾
nA
VCM
Common Mode Voltage Range
¾¾
VSS
¾
VDD
-1.4
V
PSRR
Power Supply Rejection Ratio
¾¾
58
80
¾
dB
CMRR
Common Mode Rejection Ratio
¾
VDD=5V
VCM=0~VDD
-1.4V
58
80
¾
dB
A.C. Characteristic
AOL
Open Loop Gain
¾¾
60
80
¾
dB
SR
Slew Rate+, Rate
-¾
No load
¾
0.01
¾
V/
ms
GBW
Gain Band Width (HT45F23)
¾
RL=1M
W, CL=100pF
100k
2M
¾
kHz
Gain Band Width (HT45F43)
2.5
5.0
¾
kHz
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
17
September 15, 2011
Ta=25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com