Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 152 page
background image
by a return instruction, RET or RETI, the Program Counter is restored to its previous value from the
stack. After a device reset, the Stack Pointer will point to the top of the stack.
If the stack is full and an enabled interrupt takes place, the interrupt request flag will be recorded but
the acknowledge signal will be inhibited. When the Stack Pointer is decremented, by RET or RETI, the
interrupt will be serviced. This feature prevents stack overflow allowing the programmer to use the
structure more easily. However, when the stack is full, a CALL subroutine instruction can still be
executed which will result in a stack overflow. Precautions should be taken to avoid such cases which
might cause unpredictable program branching.
Arithmetic and Logic Unit
- ALU
The arithmetic-logic unit or ALU is a critical area of the microcontroller that carries out arithmetic and
logic operations of the instruction set. Connected to the main microcontroller data bus, the ALU
receives related instruction codes and performs the required arithmetic or logical operations after
which the result will be placed in the specified register. As these ALU calculation or operations may
result in carry, borrow or other status changes, the status register will be correspondingly updated to
reflect these changes. The ALU supports the following functions:
· Arithmetic operations: ADD, ADDM, ADC, ADCM, SUB, SUBM, SBC, SBCM, DAA
· Logic operations: AND, OR, XOR, ANDM, ORM, XORM, CPL, CPLA
· Rotation RRA, RR, RRCA, RRC, RLA, RL, RLCA, RLC
· Increment and Decrement INCA, INC, DECA, DEC
· Branch decision, JMP, SZ, SZA, SNZ, SIZ, SDZ, SIZA, SDZA, CALL, RET, RETI
Flash Program Memory
The Program Memory is the location where the user code or program is stored. For this device series
the Program Memory is Flash type, which means it can be programmed and re-programmed a large
number of times, allowing the user the convenience of code modification on the same device. By using
the appropriate programming tools, these Flash devices offer users the flexibility to conveniently
debug and develop their applications while also offering a means of field programming and updating.
Structure
The Program Memory has a capacity of 2K
´15 . The Program Memory is addressed by the Program
Counter and also contains data, table information and interrupt entries. Table data, which can be setup
in any location within the Program Memory, is addressed by separate table pointer registers.
Special Vectors
Within the Program Memory, certain locations are reserved for special usage such as reset and
interrupts.
· Location 000H
This vector is reserved for use by the device reset for program initialisation. After a device reset is
initiated, the program will jump to this location and begin execution.
· Location 004H
This vector is used by the external interrupt 0. If the external interrupt pin receives an active edge, the
program will jump to this location and begin execution if the external interrupt is enabled and the
stack is not full.
Rev. 1.20
22
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com