Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 77 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 152 page
background image
ADPCR Register
Bit
76543210
Name
¾¾
PCR5
PCR4
PCR3
PCR2
PCR1
PCR0
R/W
¾¾
R/W
R/W
R/W
R/W
R/W
R/W
POR
¾¾
000000
Bit 7~6
unimplemented, read as
²0²
Bit 5
PCR5: Define PC1 is A/D input or not
0: Not A/D input
1: A/D input, AN5
Bit 4
PCR4: Define PC0 is A/D input or not
0: Not A/D input
1: A/D input, AN4
Bit 3
PCR3: Define PB6 is A/D input or not
0: Not A/D input
1: A/D input, AN3
Bit 2
PCR2: Define PB5 is A/D input or not
0: Not A/D input
1: A/D input, AN2
Bit 1
PCR1: Define PB4 is A/D input or not
0: Not A/D input
1: A/D input, AN1
Bit 0
PCR0: Define PB3 is A/D input or not
0: Not A/D input
1: A/D input, AN0
A/D Operation
The START bit in the ADCR register is used to start and reset the A/D converter. When the
microcontroller sets this bit from low to high and then low again, an analog to digital conversion cycle
will be initiated. When the START bit is brought from low to high but not low again, the EOCB bit in
the ADCR register will be set high and the analog to digital converter will be reset. It is the START bit
that is used to control the overall start operation of the internal analog to digital converter.
The EOCB bit in the ADCR register is used to indicate when the analog to digital conversion process is
complete. This bit will be automatically set to
²0² by the microcontroller after a conversion cycle has
ended. In addition, the corresponding A/D interrupt request flag will be set in the interrupt control
register, and if the interrupts are enabled, an appropriate internal interrupt signal will be generated.
This A/D internal interrupt signal will direct the program flow to the associated A/D internal interrupt
address for processing. If the A/D internal interrupt is disabled, the microcontroller can be used to poll
the EOCB bit in the ADCR register to check whether it has been cleared as an alternative method of
detecting the end of an A/D conversion cycle.
The clock source for the A/D converter, which originates from the system clock fSYS, can be chosen to
be either fSYS or a subdivided version of fSYS. The division ratio value is determined by the
ADCS2~ADCS0 bits in the ACSR register.
Although the A/D clock source is determined by the system clock fSYS, and by bits ADCS2~ADCS0,
there are some limitations on the maximum A/D clock source speed that can be selected. As the
minimum value of permissible A/D clock period, tADCK,is0.5
ms, care must be taken for system clock
frequencies equal to or greater than 4MHz. For example, if the system clock operates at a frequency of
4MHz, the ADCS2~ADCS0 bits should not be set to
²000². Doing so will give A/D clock periods that
are less than the minimum A/D clock period which may result in inaccurate A/D conversion values.
Refer to the following table for examples, where values marked with an asterisk * show where,
depending upon the device, special care must be taken, as the values may be less than the specified
minimum A/D Clock Period.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
77
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com