Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 152 page
background image
Selecting whether the low or high speed oscillator is used as the system oscillator is implemented
using the HLCLK bit and CKS2 ~ CKS0 bits in the SMOD register and as the system clock can be
dynamically selected. The actual source clock used for each of the high speed and low speed
oscillators is chosen via configuration options. The frequency of the slow speed or high speed system
clock is also determined using the HLCLK bit and CKS2 ~ CKS0 bits in the SMOD register. Note that
two oscillator selections must be made namely one high speed and one low speed system oscillators. It
is not possible to choose a no-oscillator selection for either the high or low speed oscillator.
External Crystal/ Ceramic Oscillator
- HXT
The External Crystal/ Ceramic System Oscillator is one of the high frequency oscillator choices,
which is selected via configuration option. For most crystal oscillator configurations, the simple
connection of a crystal across OSC1 and OSC2 will create the necessary phase shift and feedback for
oscillation, without requiring external capacitors. However, for some crystal types and frequencies, to
ensure oscillation, it may be necessary to add two small value capacitors, C1 and C2. Using a ceramic
resonator will usually require two small value capacitors, C1 and C2, to be connected as shown for
oscillation to occur. The values of C1 and C2 should be selected in consultation with the crystal or
resonator manufacturer
¢s specification.
Crystal Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
12MHz
0pF
0pF
8MHz
0pF
0pF
4MHz
0pF
0pF
1MHz
100pF
100pF
Note:
C1 and C2 values are for guidance only.
Crystal Recommended Capacitor Values
Rev. 1.20
36
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
O S C 1
O S C 2
R f
T o i n t e r n a l
c i r c u i t s
I n t e r n a l
O s c i l l a t o r
C i r c u i t
C 1
C 2
R p
N o t e : 1 . R p i s n o r m a l l y n o t r e q u i r e d . C 1 a n d C 2 a r e r e q u i r e d .
2 . A l t h o u g h n o t s h o w n O S C 1 / O S C 2 p i n s h a v e a p a r a s i t i c
c a p a c i t a n c e o f a r o u n d 7 p F .
Crystal/Resonator Oscillator
- HXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com