Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 152 page
background image
· 12-bit Audio DAC output
· PFD/Buzzer for audio frequency generation
· Internal 2.4V/3.3V LDO
· Low voltage reset function
· Low voltage detect function
· 16-pin NSOP, 20/24-pin SSOP package types
· The two devices share the same functional features but differ in their internal operational
characteristics as shown in the following table:
Device
Op-Amp Quiescent
Current
Op-amp Gain
Bandwidth
LDO 3.3V Current
Consumption
Op-amp/Comparator
Offset Calibration
HT45F23
200
mA typ.
2MHz typ.
50
mA typ.
Ö
HT45F43
1.5
mA typ.
5kHz typ.
7
mA typ.
¾
General Description
The HT45F23 and HT45F43 are Flash Memory Tinypower A/D type 8-bit high performance RISC
architecture microcontrollers. The HT45F43 device has low power internal operational amplifiers
making it more suitable for power sensitive products. The HT45F23 device has a higher gain
bandwidth product than the HT45F43 at the expense of power consumption making it more suitable
for higher frequency applications.
Offering users the convenience of Flash Memory multi-programming features, these devices also
include a wide range of functions and features. Other memory includes an area of RAM Data Memory
as well as an area of EEPROM memory for storage of non-volatile data such as serial numbers,
calibration data etc.
Analog features include an integrated multi-channel Analog to Digital Converter, dual Pulse Width
Modulation outputs, dual Operational Amplifiers , dual Comparators , one internal 2.4V or 3.3V LDO
(Low Drop Out) for voltage regulator and a 12-bit DAC for voice output application, communication
with the outside world is catered for by including fully integrated SPI or I2C interface functions, two
popular interfaces which provide designers with a means of easy communication with external
peripheral hardware. Protective features such as an internal Watchdog Timer, Low Voltage Reset and
Low Voltage Detector coupled with excellent noise immunity and ESD protection ensure that reliable
operation is maintained in hostile electrical environments.
A full choice of HXT, LXT, ERC, HIRC and LIRC oscillator functions are provided including a fully
integrated system oscillator which requires no external components for its implementation. The
unique Holtek TinyPower technology also gives the devices extremely low current consumption
characteristics, an extremely important consideration in the present trend for low power battery
powered applications. The usual Holtek MCU features such as power down and wake-up functions,
oscillator options, programmable frequency divider, etc. combine to ensure user applications require a
minimum of external components.
The inclusion of flexible I/O programming features, Time-Base functions along with many other
features ensure that the devices will find excellent use in applications such as electronic metering,
environmental monitoring, handheld instruments, household appliances, electronically controlled
tools, motor driving, home security systems related to PIR products, CO detector, Smoke detector and
many others.
Rev. 1.20
8
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com