Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 75 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 75 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 79Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 152 page
background image
A/D Converter Data Registers
- ADRL, ADRH
As the devices contain an internal 12-bit A/D converter, they require two data registers to store the
converted value. These are a high byte register, known as ADRH, and a low byte register, known as
ADRL. After the conversion process takes place, these registers can be directly read by the
microcontroller to obtain the digitised conversion value. D0~D11 are the A/D conversion result data
bits. Any unused bits will be read as zero.
ADRH
ADRL
7654321076543210
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0000
A/D Data Registers
A/D Converter Control Registers
- ADCR, ACSR, ADPCR
To control the function and operation of the A/D converter, three control registers known as ADCR,
ACSR and ADPCR are provided. These 8-bit registers define functions such as the selection of which
analog channel is connected to the internal A/D converter, the digitised data format, the A/D clock
source as well as controlling the start function and monitoring the A/D converter end of conversion
status. The ACS2~ACS0 bits in the ADCR register define the ADC input channel number. As the
device contains only one actual analog to digital converter hardware circuit, each of the individual 8
analog inputs, which include 6 external A/D channels and 2 internal OPA outputs, must be routed to
the converter. It is the function of the ACS2~ACS0 bits to determine which analog channel input pin is
actually connected to the internal A/D converter.
The ADPCR control register contains the PCR5~PCR0 bits which determine which pins on Port B and
Port C are used as analog inputs for the A/D converter input and which pins are not to be used as the
A/D converter input. Setting the corresponding bit high will select the A/D input function, clearing the
bit to zero will select either the I/O or other pin-shared function. When the pin is selected to be an A/D
input, its original function whether it is an I/O or other pin-shared function will be removed. In
addition, any internal pull-high resistors connected to these pins will be automatically removed if the
pin is selected to be an A/D input.
ADCR Register
Bit
76543210
Name
START
EOCB
¾¾¾
ACS2
ACS1
ACS0
R/W
R/W
R
¾¾¾
R/W
R/W
R/W
POR
0
1
¾¾¾
000
Bit 7
START: Start the A/D conversion
0
®1®0 : start
0
®1
: reset the A/D converter and set EOCB to
²1²
This bit is used to initiate an A/D conversion process. The bit is normally low but if set high and
then cleared low again, the A/D converter will initiate a conversion process. When the bit is set
high the A/D converter will be reset.
Bit 6
EOCB: End of A/D conversion flag
0: A/D conversion ended
1: A/D conversion in progress
This read only flag is used to indicate when an A/D conversion process has completed. When
the conversion process is running the bit will be high.
Bit 5~3
unimplemented, read as
²0²
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
75
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com