Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 152 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz,
(XTAL/ERC/EC/HIRC)
2.2
¾
5.5
V
fSYS=8MHz
(XTAL/ERC/EC/HIRC)
3.3
¾
5.5
V
fSYS=12MHz
(XTAL/ERC/EC)
4.5
¾
5.5
V
IDD1
Operating Current
(Crystal , ERC OSC)
3.3V
No load, fSYS=fM= 455kHz,
ADC off, LVR off,
Comparator off, OPAs off
¾
70
110
mA
Operating Current
(Crystal OSC, ERC OSC)
No load, fSYS=fM= 455kHz,
ADC off, LVR on,
Comparator on, OPAs off
¾
100
150
mA
IDD2
Operating Current
(ERC OSC, HIRC OSC)
3.3V
No load, fM=910kHz,
fSYS=fSLOW=455kHz,
ADC off, LVR off,
Comparator off, OPAs off
¾
90
135
mA
Operating Current
(ERC OSC, HIRC OSC)
No load, fM=910kHz,
fSYS=fSLOW=455kHz,
ADC off, LVR on,
Comparator on, OPAs off
¾
120
180
mA
IDD3
Operating Current
(ERC OSC, HIRC OSC)
3.3V
No load, fSYS=fM=910kHz,
ADC off, LVR off,
Comparator off, OPAs off
¾
110
170
mA
Operating Current
(ERC OSC, HIRC OSC)
No load, fSYS=fM=910kHz,
ADC off, LVR on,
Comparator on, OPAs off
¾
160
240
mA
IDD4
Operating Current
(Crystal OSC, ERC OSC)
3.3V
No load, fSYS=fM=1MHz,
ADC off, LVR off,
Comparator off, OPAs off
¾
120
180
mA
Operating Current
(Crystal OSC, ERC OSC)
No load, fSYS=fM=1MHz,
ADC off, LVR on,
Comparator on, OPAs off
¾
170
260
mA
IDD5
Operating Current (Crystal OSC,
ERC OSC, HIRC OSC)
3.3V
No load, fSYS=fM=2MHz,
ADC off, LVR off,
Comparator off, OPAs off
¾
170
260
mA
Operating Current (Crystal OSC,
ERC OSC, HIRC OSC)
No load, fSYS=fM=2MHz,
ADC off, LVR on,
Comparator on, OPAs off
¾
200
300
mA
IDD6
Operating Current (Crystal OSC,
ERC OSC, HIRC OSC)
3V
No load, fSYS=fM=4MHz,
ADC off
¾
420
630
mA
5V
¾
700
1000
mA
IDD7
Operating Current (Crystal OSC,
ERC OSC, HIRC OSC)
5V
No load, fSYS=fM=8MHz,
ADC off
¾
1.5
3.0
mA
IDD8
Operating Current
(Crystal OSC, ERC OSC)
5V
No load, fSYS=fM=12MHz,
ADC off
¾
2.5
5.0
mA
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
13
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com