Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 93 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 93 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 90Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 92Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 96Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 97Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 152 page
background image
Slave Address
The transmission of a START signal by the master will be detected by all devices on the I
2C bus. To
determine which slave device the master wishes to communicate with, the address of the slave device
will be sent out immediately following the START signal. All slave devices, after receiving this 7-bit
address data, will compare it with their own 7-bit slave address. If the address sent out by the master
matches the internal address of the microcontroller slave device, then an internal I
2C bus interrupt
signal will be generated. The next bit following the address, which is the 8th bit, defines the read/write
status and will be saved to the SRW bit of the SIMC1 register. The slave device will then transmit an
acknowledge bit, which is a low level, as the 9th bit. The slave device will also set the status flag
HAAS when the addresses match.
As an I
2C bus interrupt can come from two sources, when the program enters the interrupt subroutine,
the HAAS bit should be examined to see whether the interrupt source has come from a matching slave
address or from the completion of a data byte transfer. When a slave address is matched, the device
must be placed in either the transmit mode and then write data to the SIMD register, or in the receive
mode where it must implement a dummy read from the SIMD register to release the SCL line.
I
2C Bus Read/Write Signal
The SRW bit in the SIMC1 register defines whether the slave device wishes to read data from the I
2C
bus or write data to the I
2C bus. The slave device should examine this bit to determine if it is to be a
transmitter or a receiver. If the SRW flag is
²1² then this indicates that the master device wishes to read
data from the I
2C bus, therefore the slave device must be setup to send data to the I2C bus as a
transmitter. If the SRW flag is
²0² then this indicates that the master wishes to send data to the I2C bus,
therefore the slave device must be setup to read data from the I
2C bus as a receiver.
I
2C Bus Slave Address Acknowledge Signal
After the master has transmitted a calling address, any slave device on the I
2C bus, whose own internal
address matches the calling address, must generate an acknowledge signal. The acknowledge signal
will inform the master that a slave device has accepted its calling address. If no acknowledge signal is
received by the master then a STOP signal must be transmitted by the master to end the
communication. When the HAAS flag is high, the addresses have matched and the slave device must
check the SRW flag to determine if it is to be a transmitter or a receiver. If the SRW flag is high, the
slave device should be setup to be a transmitter so the HTX bit in the SIMC1 register should be set to
²1². If the SRW flag is low, then the microcontroller slave device should be setup as a receiver and the
HTX bit in the SIMC1 register should be set to
²0².
I
2C Bus Data and Acknowledge Signal
The transmitted data is 8-bits wide and is transmitted after the slave device has acknowledged receipt
of its slave address. The order of serial bit transmission is the MSB first and the LSB last. After receipt
of 8-bits of data, the receiver must transmit an acknowledge signal, level
²0², before it can receive the
next data byte. If the slave transmitter does not receive an acknowledge bit signal from the master
receiver, then the slave transmitter will release the SDA line to allow the master to send a STOP signal
to release the I
2C Bus. The corresponding data will be stored in the SIMD register. If setup as a
transmitter, the slave device must first write the data to be transmitted into the SIMD register. If setup
as a receiver, the slave device must read the transmitted data from the SIMD register.
When the slave receiver receives the data byte, it must generate an acknowledge bit, known as TXAK,
on the 9th clock. The slave device, which is setup as a transmitter will check the RXAK bit in the
SIMC1 register to determine if it is to send another data byte, if not then it will release the SDA line and
await the receipt of a STOP signal from the master.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
93
September 15, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com