Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 152 page
background image
External RC Oscillator
- ERC
Using the ERC oscillator only requires that a resistor, with a value between 56k
W and 2.4MW,is
connected between OSC1 and VDD, and a capacitor is connected between OSC1 and ground,
providing a low cost oscillator configuration. It is only the external resistor that determines the
oscillation frequency; the external capacitor has no influence over the frequency and is connected for
stability purposes only. Device trimming during the manufacturing process and the inclusion of
internal frequency compensation circuits are used to ensure that the influence of the power supply
voltage, temperature and process variations on the oscillation frequency are minimised. As a
resistance/frequency reference point, it can be noted that with an external 150k
W resistor connected
and with a 5V voltage power supply and temperature of 25
°C degrees, the oscillator will have a
frequency of 4MHz within a tolerance of 2%. Here only the OSC1 pin is used, which is shared with I/O
pin PC0, leaving pin PC1 free for use as a normal I/O pin.
External Oscillator
- EC
The system clock can also be supplied by an externally supplied clock giving users a method of
synchronising their external hardware to the microcontroller operation. This is selected using a
configuration option and supplying the clock on pin OSC1. Pin OSC2 should be left floating if the
external oscillator is used. The internal oscillator circuit contains a filter circuit to reduce the
possibility of erratic operation due to noise on the oscillator pin, however as the filter circuit consumes
a certain amount of power, a configuration option exists to turn this filter off. Not using the internal
filter should be considered in power sensitive applications and where the externally supplied clock is
of a high integrity and supplied by a low impedance source.
Internal RC Oscillator
- HIRC
The internal RC oscillator is a fully integrated system oscillator requiring no external components. The
internal RC oscillator has four fixed frequencies of either 910kHzm 2MHz, 4MHz or 8MHz. Device
trimming during the manufacturing process and the inclusion of internal frequency compensation
circuits are used to ensure that the influence of the power supply voltage, temperature and process
variations on the oscillation frequency are minimised. As a result, at a power supply of either 3V or 5V
and at a temperature of 25
°C degrees, the fixed oscillation frequency of 910kHzm 2MHz, 4MHz or
8MHz will have a tolerance within 2%. Note that if this internal system clock option is selected, as it
requires no external pins for its operation, I/O pins PC0 and PC1 are free for use as normal I/O pins.
External 32.768kHz Crystal Oscillator
- LXT
The External 32.768kHz Crystal System Oscillator is one of the low frequency oscillator choices,
which is selected via configuration option. This clock source has a fixed frequency of 32.768kHz and
requires a 32.768kHz crystal to be connected between pins XT1 and XT2. The external resistor and
capacitor components connected to the 32.768kHz crystal are necessary to provide oscillation. For
applications where precise frequencies are essential, these components may be required to provide
frequency compensation due to different crystal manufacturing tolerances. During power-up there is a
time delay associated with the LXT oscillator waiting for it to start-up.
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
37
September 15, 2011
P C 0 / O S C 1
2 0 p F
V D D
R O S C
P C 1 / O S C 2
External RC Oscillator
- ERC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com