Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 56 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 58Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 60Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 152 page
background image
Register
Power-on Reset
RES or LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(Idle/Sleep)
ADCR
01
-- - 000
01
-- - 000
01
-- - 000
uuu
-- - uu
ACSR
100
-- 000
100
-- 000
100
-- 000
uuu
-- uuu
SIMC0
1110 000
-
1110 000
-
1110 000
-
uuuu uuuu
SIMC1
1000 0001
1000 0001
1000 0001
uuuu uuuu
SIMD
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
SIMA/SIMC2
0000 0000
0000 0000
0000 0000
uuuu uuuu
TMR0
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0C
00
- 0 1000
00
- 0 1000
00
- 0 1000
uu
- u uuuu
TMR1L
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR1H
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR1C
0000 1
---
0000 1
---
0000 1
---
uuuu u
---
EEA
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
EED
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
EEC
---- 0000
---- 0000
---- 0000
---- uuuu
LCDC
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
LDOC
--- 0 0000
--- 0 0000
--- 0 0000
--- u uuuu
DACTRL
000
- --- 0
000
- --- 0
000
- --- 0
uuu
- --- u
DAL
0000
----
0000
----
0000
----
uuuu
----
DAH
0000 0000
0000 0000
0000 0000
uuuu uuuu
CMP1C0 (HT45F23)
0001 0000
0001 0000
0001 0000
uuuu uuuu
CMP1C0 (HT45F43)
0000 0000
0000 0000
0000 0000
uuuu uuuu
CMP1C1
1
--- 0010
1
--- 0010
1
--- 0010
u
--- uuuu
CMP2C0 (HT45F23)
0001 0000
0001 0000
0001 0000
uuuu uuuu
CMP2C0 (HT45F43)
0000 0000
0000 0000
0000 0000
uuuu uuuu
CMP2C1
00
-- 0010
00
-- 0010
00
-- 0010
uu
-- uuuu
OPA1C0 (HT45F23)
0001 0000
0001 0000
0001 0000
uuuu uuuu
OPA1C0 (HT45F43)
0000 0000
0000 0000
0000 0000
uuuu uuuu
OPA1C1
0000 1100
0000 1100
0000 1100
uuuu uuuu
OPA2C0 (HT45F23)
0001 0000
0001 0000
0001 0000
uuuu uuuu
OPA2C0 (HT45F43)
0000 0000
0000 0000
0000 0000
uuuu uuuu
OPA2C1
0000 1100
0000 1100
0000 1100
uuuu uuuu
OPA2C2
00
-- 0000
00
-- 0000
00
-- 0000
uu
-- uuuu
TBC
0011 0111
0011 0111
0011 0111
uuuu uuuu
BPCTL
0000 0000
0000 0000
0000 0000
uuuu uuuu
Note:
²-² not implemented
²u² means ²unchanged²
²x² means ²unknown²
Rev. 1.20
56
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com