Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 76 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 76 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 80Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 152 page
background image
Bit 2~0
ACS2, ACS1, ACS0: Select A/D channel
000: AN0
001: AN1
010: AN2
011: AN3
100: AN4
101: AN5
110: Op Amp 1 output (A1E)
111: Op Amp 2 output (A2E)
These are the A/D channel select control bits. As there is only one internal hardware A/D
converter each of the eight A/D inputs must be routed to the internal converter using these bits.
ACSR Register
Bit
76543210
Name
¾
ADONB
VRSEL
¾¾
ADCS2
ADCS1
ADCS0
R/W
¾
R/W
R/W
¾¾
R/W
R/W
R/W
POR
1
0
0
¾¾
000
Bit 7
unimplemented, read as
²1²
Bit 6
ADONB: ADC module power on/off control bit
0: ADC module power on
1: ADC module power off
This bit controls the power to the A/D internal function. This bit should be cleared to zero to
enable the A/D converter. If the bit is set high then the A/D converter will be switched off reducing
the device power consumption. As the A/D converter will consume a limited amount of power,
even when not executing a conversion, this may be an important consideration in power sensitive
battery powered applications.
Note: 1. it is recommended to set ADONB=1 before entering IDLE/SLEEP Mode for saving
power.
2. ADONB=1 will power down the ADC module.
Bit 5
VRSEL: Selecte ADC reference voltage
0: Internal ADC power
1: VREF pin
This bit is used to select the reference voltage for the A/D converter. If the bit is high, then the
A/D converter reference voltage is supplied on the external VREF pin. If the pin is low, then the
internal reference is used which is taken from the power supply pin VDD.
Bit 4~3
unimplemented, read as
²0²
Bit 2~0
ADCS2, ADCS1, ADCS0: Select ADC clock source
000: fSYS/2
001: fSYS/8
010: fSYS/32
011: Undefined
100: fSYS
101: fSYS/4
110: fSYS/16
111: Undefined
These three bits are used to select the clock source for the A/D converter.
Rev. 1.20
76
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com