Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45F43 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 152 page
background image
Block Diagram
The following block diagram illustrates the main functional blocks.
Pin Assignment
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
Rev. 1.20
9
September 15, 2011
F l a s h / E E P R O M
P r o g r a m m i n g
C i r c u i t r y ( I C P )
W a t c h d o g
T i m e r
8 - b i t
R I S C
M C U
C o r e
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
E R C / H X T
O s c i l l a t o r
A / D
C o n v e r t e r
L I R C / L X T
O s c i l l a t o r
H I R C
O s c i l l a t o r
E E P R O M
D a t a
M e m o r y
F l a s h
P r o g r a m
M e m o r y
R A M
D a t a
M e m o r y
I / O
S I M
T i m e r s
L o w
V o l t a g e
R e s e t
L o w
V o l t a g e
D e t e c t
C o m p a r a t o r s
O P A s
T i m e
B a s e
P F D / B u z z e r
D r i v e r
L D O
P W M
G e n e r a t o r
D / A
C o n v e r t e r
L C D
D r i v e r
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
P C 6 / P W M 1 / C 2 P / S C O M 3
P C 5 / P W M 0 / C 1 N / S C O M 2
P C 4 / V R E F / V C A P / S C O M 1
P A 0 / C N P / S C O M 0
P C 3 / X T 2
P C 2 / X T 1
P C 1 / A N 5 / O S C 2
P C 0 / A N 4 / O S C 1
P B 6 / A N 3 / R E S
P B 5 / A N 2 / P I N T
P B 4 / A N 1 / A U D / P C L K
P B 3 / A N 0 / S C S
P A 1 / C 1 O U T / T C 0
V D D
V S S
P A 2 / A 1 P / C 2 O U T
P A 3 / A 1 N / I N T 0
P A 4 / A 1 E / T C 1
P A 5 / A 2 P / P F D
P A 6 / A 2 N / B Z
P A 7 / A 2 E / B Z
P B 0 / S D O / I N T 1
P B 1 / S D I / S D A
P B 2 / S C K / S C L
H T 4 5 F 2 3 / H T 4 5 F 4 3
2 4 S S O P - A
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
P A 1 / C 1 O U T / T C 0
P A 0 / C N P / S C O M 0
P C 3 / X T 2
P C 2 / X T 1
P C 1 / A N 5 / O S C 2
P C 0 / A N 4 / O S C 1
P B 6 / A N 3 / R E S
P B 4 / A N 1 / A U D / P C L K
P B 3 / A N 0 / S C S
P B 2 / S C K / S C L
V D D
V S S
P A 2 / A 1 P / C 2 O U T
P A 3 / A 1 N / I N T 0
P A 4 / A 1 E / T C 1
P A 5 / A 2 P / P F D
P A 6 / A 2 N / B Z
P A 7 / A 2 E / B Z
P B 0 / S D O / I N T 1
P B 1 / S D I / S D A
H T 4 5 F 2 3 / H T 4 5 F 4 3
2 0 S S O P - A
H T 4 5 F 2 3 / H T 4 5 F 4 3
1 6 N S O P - A
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
V D D
P A 1 / C 1 O U T / T C 0
P A 0 / C N P / S C O M 0
P C 3 / X T 2
P C 2 / X T 1
P C 1 / A N 5 / O S C 2
P C 0 / A N 4 / O S C 1
P B 6 / A N 3 / R E S
V S S
P A 2 / A 1 P / C 2 O U T
P A 3 / A 1 N / I N T 0
P A 4 / A 1 E / T C 1
P A 5 / A 2 P / P F D
P A 6 / A 2 N / B Z
P A 7 / A 2 E / B Z
P B 3 / A N 0 / S C S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com